Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG7268V-JD1 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG7268V-JD1
Description  512MB- 64Mx72 SDRAM UNBUFFERED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG7268V-JD1 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG7268V-JD1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 7Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 8Page - White Electronic Designs Corporation W3DG7268V-JD1 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
W3DG7268V-D1
-JD1
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 2
PRELIMINARY
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
AC CHARACTERISTICS
7
75/10
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from CLK (pos. edge)
CL = 3
tAC(3)
5.4
5.4
ns
27
CL = 2
tAC(2)
5.4
6
ns
Address hold time
tAH
0.8
0.8
ns
Address setup time
tAS
1.5
1.5
ns
CLK high-level width
tCH
2.5
2.5
ns
CLK low-level width
tCL
2.5
2.5
ns
Clock cycle time
CL = 3
tCK(3)
7
7.5
ns
23
CL = 2
tCK(2)
7.5
10
ns
23
CKE hold time
tCKH
0.8
0.8
ns
CKE setup time
tCKS
1.5
1.5
ns
CS#, RAS#, CAS#, WE#, DQM hold time
tCMH
0.8
0.8
ns
CS#, RAS#, CAS#, WE#, DQM setup time
tCMS
1.5
1.5
ns
Data-in hold time
tDH
0.8
0.8
ns
Data-in setup time
tDS
1.5
1.5
ns
Data-out high-impedance time
CL = 3
tHZ(3)
5.4
5.4
ns
10
CL = 2
tHZ(2)
5.4
6
ns
10
Data-out low-impedance time
tLZ
11
ns
Data-out hold time (load)
tOH
2.7
2.7
ns
Data-out hold time (no load)
tOHN
1.8
1.8
ns
28
ACTIVE to PRECHARGE command
tRAS
37
120K
44
120K
ns
ACTIVE to ACTIVE command period
tRC
60
66
ns
ACTIVE to READ or WRITE delay
tRCD
15
20
ns
Refresh period (8,192 rows)
tREF
64
64
ms
AUTO REFRESH period
tRFC
66
66
ns
PRECHARGE command period
tRP
15
20
ns
ACTIVE bank a to ACTIVE bank b command
tRRD
14
15
ns
Transition time
tT
0.3
1.2
0.3
1.2
ns
7
WRITE recovery time
tWR
1 CLK +
7ns
1 CLK +
7ns
-24
14
15
ns
14, 25
Exit SELF REFRESH to ACTIVE command
tXSR
67
75
ns
20


Similar Part No. - W3DG7268V-JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
More results

Similar Description - W3DG7268V-JD1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com