Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG72256V75D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG72256V75D2
Description  2GB - 256Mx72 SDRAM, REGISTER and SPD, w/PLL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG72256V75D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG72256V75D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG72256V75D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG72256V75D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG72256V75D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG72256V75D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG72256V75D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W3DG72256V-D2
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
August 2005
Rev. 3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
PACKAGE DIMENSIONS FOR D2
3.99
(0.157)
MIN.
6.60
(0.260) MAX.
1.27 ± 0.10
(0.050 ± .004)
11.43
(0.450)
54.61 (2.150)
133.35 (5.250)
37.34
(1.470)
17.78
(0.700)
6.35 (0.250)
115.57 (4.550)
(0.000)
36.83 (1.450)
6.35 (0.250)
57.79 (2.275)
3.18 (0.125) (2X)
3.99
(0.157
± 0.004)
(2X)
P1
(0.000)
3.10
(0.122)
8.89
(0.350)
15.60
(0.614)
ORDERING INFORMATION FOR D2
Part Number
Speed
CAS Latency
Height*
W3DG72256V10D2
100MHz
CL=2
37.34 (1.47”)
W3DG72256V7D2
133MHz
CL=2
37.34 (1.47”)
W3DG72256V75D2
133MHz
CL=3
37.34 (1.47”)
NOTES:
• Consult Factory for availability of RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3DG72256V75D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72256V75AD2I-MG WEDC-W3DG72256V75AD2I-MG Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3DG72256V75AD2I-SG WEDC-W3DG72256V75AD2I-SG Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
More results

Similar Description - W3DG72256V75D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3DG7263V-D2 WEDC-W3DG7263V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG728V-D2 WEDC-W3DG728V-D2 Datasheet
77Kb / 5P
   64MB-8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7232V-D2 WEDC-W3DG7232V-D2 Datasheet
151Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7266V-D2 WEDC-W3DG7266V-D2 Datasheet
150Kb / 9P
   512MB - 64Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG7216V-D2 WEDC-W3DG7216V-D2 Datasheet
70Kb / 5P
   64MB- 8Mx72 SDRAM W/ PLL, REGISTER AND SPD
W3DG7233V-D2 WEDC-W3DG7233V-D2 Datasheet
152Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72128V-D2 WEDC-W3DG72128V-D2 Datasheet
136Kb / 6P
   1GB- 128Mx72 SDRAM, REGISTER and SPD, w/PLL
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com