Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E16M72SR-XBX Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3E16M72SR-XBX
Description  16Mx72 Registered DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M72SR-XBX Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3E16M72SR-XBX Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 9Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 10Page - White Electronic Designs Corporation W3E16M72SR-XBX Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M72SR-XBX
February 2005
Rev. 2
DESELECT
The DESELECT function (CS# HiGH) prevents new
commands from being executed by the DDR SDRAM. The
SDRAM is effectively deselected. Operations already in
progress are not affected.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to perform
a NOP to the selected DDR SDRAM (CS# is LOW). This
prevents unwanted commands from being registered
during idle or wait states. Operations already in progress
are not affected.
LOAD MODE REGISTER
The Mode Registers are loaded via inputs A0-12. The LOAD
MODE REGISTER command can only be issued when all
banks are idle, and a subsequent executable command
cannot be issued until tMRD is met.
COMMAND
READ
NOP
NOP
NOP
CL = 2.5
DON'T CARE
TRANSITIONING DATA
DQ
DQS
T0
T1
T2
T2n
T3
T3n
COMMAND
READ
NOP
NOP
NOP
CL = 2
DQ
DQS
CLK
CLK#
T0
T1
T2
T2n
T3
T3n
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
DATA
CLK
CLK#
OUTPUT DRIVE STRENGTH
The normal full drive strength for all outputs are specified to
be SSTL2, Class II. The DDR SDRAM supports an option
for reduced drive. This option is intended for the support
of the lighter load and/or point-to-point environments. The
selection of the reduced drive strength will alter the DQs
and DQSs from SSTL2, Class II drive strength to a reduced
drive strength, which is approximately 54 percent of the
SSTL2, Class II drive strength.
DLL ENABLE/DISABLE
The DLL must be enabled for normal operation. DLL
enable is required during power-up initialization and upon
returning to normal operation after having disabled the DLL
for the purpose of debug or evaluation. (When the device
exits self refresh mode, the DLL is enabled automatically.)
Any time the DLL is enabled, 200 clock cycles must occur
before a READ command can be issued.
COMMANDS
The Truth Table provides a quick reference of available
commands. This is followed by a written description of
each command.
FIGURE 4 – CAS LATENCY
FIGURE 5 – EXTENDED MODE REGISTER
DEFINITION
DLL
Enable
Disable
DLL
DS
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Extended Mode
Register (Ex)
Address Bus
Operating Mode
A10
A11
11
01
BA0
BA1
QFC#
E0
0
1
Drive Strength
Normal
Reduced
E1
0
1
QFC# Function
Disabled
Reserved
E22
0
-
Operating Mode
Reserved
Reserved
E2, E1, E0
Valid
-
E12
0
-
E10
0
-
E9
0
-
E8
0
-
E7
0
-
E6
0
-
E5
0
-
E4
0
-
E3
0
-
A12
E11
0
-
1. E14 and E13 must be "0, 1" to select the Extended Mode Register (vs. the base Mode Register)
2. The QFE# function is not supported.


Similar Part No. - W3E16M72SR-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-200BC WEDC-W3E16M72S-200BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BI WEDC-W3E16M72S-200BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BM WEDC-W3E16M72S-200BM Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BC WEDC-W3E16M72S-250BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BI WEDC-W3E16M72S-250BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results

Similar Description - W3E16M72SR-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-XBX WEDC-W3E16M72S-XBX Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com