Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M64S-200BM Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3E32M64S-200BM
Description  32Mx64 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M64S-200BM Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3E32M64S-200BM Datasheet HTML 1Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 2Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 3Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M64S-200BM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
W3E32M64S-XBX
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2006
Rev. 3
REGISTER DEFINITION
MODE REGISTER
The Mode Register is used to define the specific mode of
operation of the DDR SDRAM. This definition includes the
selection of a burst length, a burst type, a CAS latency,
and an operating mode, as shown in Figure 3. The Mode
Register is programmed via the MODE REGISTER SET
command (with BA0 = 0 and BA1 = 0) and will retain
the stored information until it is programmed again or
the device loses power. (Except for bit A8 which is self
clearing).
Reprogramming the mode register will not alter the contents
of the memory, provided it is performed correctly. The Mode
Register must be loaded (reloaded) when all banks are
idle and no bursts are in progress, and the controller must
wait the specified time before initiating the subsequent
operation. Violating either of these requirements will result
in unspecified operation.
Mode register bits A0-A2 specify the burst length, A3 specifies
the type of burst (sequential or interleaved), A4-A6 specify the
CAS latency, and A7-A12 specify the operating mode.
BURST LENGTH
Read and write accesses to the DDR SDRAM are burst
oriented, with the burst length being programmable,
as shown in Figure 3. The burst length determines
the maximum number of column locations that can be
accessed for a given READ or WRITE command. Burst
lengths of 2, 4 or 8 locations are available for both the
sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation
or incompatibility with future versions may result.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected.
All accesses for that burst take place within this block,
meaning that the burst will wrap within the block if a
boundary is reached. The block is uniquely selected by
A1-Ai when the burst length is set to two; by A2-Ai when the
burst length is set to four (where Ai is the most significant
column address for a given configuration); and by A3-Ai
when the burst length is set to eight. The remaining (least
significant) address bit(s) is (are) used to select the starting
location within the block. The programmed burst length
applies to both READ and WRITE bursts.
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column
address, as shown in Table 1.
READ LATENCY
The READ latency is the delay, in clock cycles, between
the registration of a READ command and the availability
of the first bit of output data. The latency can be set to 2
or 2.5 clocks.
If a READ command is registered at clock edge n, and the
latency is m clocks, the data will be available by clock edge
n+m. Table 2 below indicates the operating frequencies at
which each CAS latency setting can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
OPERATING MODE
The normal operating mode is selected by issuing a MODE
REGISTER SET command with bits A7-A12 each set to
zero, and bits A0-A6 set to the desired values. A DLL reset
is initiated by issuing a MODE REGISTER SET command
with bits A7 and A9-A12 each set to zero, bit A8 set to one,
and bits A0-A6 set to the desired values. Although not
required, JEDEC specifications recommend when a LOAD
MODE REGISTER command is issued to reset the DLL, it
should always be followed by a LOAD MODE REGISTER
command to select normal operating mode.
All other combinations of values for A7-A12 are reserved
for future use and/or test modes. Test modes and reserved
states should not be used because unknown operation or
incompatibility with future versions may result.
EXTENDED MODE REGISTER
The extended mode register controls functions beyond
those controlled by the mode register; these additional
functions are DLL enable/disable, output drive strength,


Similar Part No. - W3E32M64S-200BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-200SBC WEDC-W3E32M64S-200SBC Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-200SBI WEDC-W3E32M64S-200SBI Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-200SBM WEDC-W3E32M64S-200SBM Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
More results

Similar Description - W3E32M64S-200BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XSBX WEDC-W3E32M64S-XSBX Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com