Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E16M72SR-266BC Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3E16M72SR-266BC
Description  16Mx72 Registered DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E16M72SR-266BC Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3E16M72SR-266BC Datasheet HTML 1Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 2Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 3Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 4Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 5Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 6Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 7Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 8Page - White Electronic Designs Corporation W3E16M72SR-266BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E16M72SR-XBX
February 2005
Rev. 2
16Mx72 Registered DDR SDRAM
Registered for enhanced performance of bus
speeds of 200, 225, and 250 MHz
Package:
• 219 Plastic Ball Grid Array (PBGA), 32 x 25mm
2.5V ±0.2V core power supply
2.5V I/O (SSTL_2 compatible)
Differential clock inputs (CK and CK#)
Commands entered on each positive CK edge
Internal pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
Programmable Burst length: 2,4 or 8
Bidirectional data strobe (DQS) transmitted/
received with data, i.e., source-synchronous data
capture (one per byte)
DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
DLL to align DQ and DQS transitions with CK
Four internal banks for concurrent operation
Two data mask (DM) pins for masking write data
Programmable IOL/IOH option
Auto precharge option
FEATURES
25
32
66
TSOP
66
TSOP
66
TSOP
66
TSOP
66
TSOP
11.9
11.9
11.9
22.3
Monolithic Solution
Actual Size
S
A
V
I
N
G
S
Area
I/O
Count
5 x 265mm2 + 2 x 105mm2 = 1536mm2
5 x 66 pins + 2 x 48 = 426 pins
800mm2
47%
219 Balls
49%
W3E16M72SR-XBX
White Electronic Designs
48
TSOP
12.6
48
TSOP
12.6
8.3
11.9
22.3
22.3
Auto Refresh and Self Refresh Modes
Commercial, Industrial and Military Temperature
Ranges
Organized as 16M x 72
Weight: W3E16M72SR-XBX - 2.5 grams typical
BENEFITS
47% SPACE SAVINGS
Glueless Connection to PCI Bridge/Memory
Controller
Reduced part count
Reduced I/O count
• 49% I/O Reduction
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Laminate interposer for optimum TCE match
Upgradeable to 32M x 72 density (contact factory
for information)
* This product is subject to change without notice.


Similar Part No. - W3E16M72SR-266BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-200BC WEDC-W3E16M72S-200BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BI WEDC-W3E16M72S-200BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-200BM WEDC-W3E16M72S-200BM Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BC WEDC-W3E16M72S-250BC Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3E16M72S-250BI WEDC-W3E16M72S-250BI Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
More results

Similar Description - W3E16M72SR-266BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M72S-XBX WEDC-W3E16M72S-XBX Datasheet
840Kb / 17P
   16Mx72 DDR SDRAM
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com