Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M72SR-266SBI Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3E32M72SR-266SBI
Description  32Mx72 REGISTERED DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72SR-266SBI Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3E32M72SR-266SBI Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 12Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 13Page - White Electronic Designs Corporation W3E32M72SR-266SBI Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
W3E32M72SR-XSBX
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2006
Rev. 3
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
is automatically enabled upon exiting SELF REFRESH (A
DLL reset and 200 clock cycles must then occur before a
READ command can be issued). Input signals except CKE
are “Don’t Care” during SELF REFRESH. VREF voltage is
also required for the full duration of SELF REFRESH.
The procedure for exiting self refresh requires a sequence
of commands. First, CK and CK# must be stable prior
to CKE going back HIGH. Once CKE is HIGH, the DDR
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VCC, VCCQ Supply relative to Vss
-1 to 3.6
V
Voltage on I/O pins relative to Vss
-0.5V to VCCQ +0.5V
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +125
°C
NOTE: Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 13)
Parameter
Symbol
Max
Unit
Input Capacitance: CK/CK#
CI1
8
pF
Addresses, BA0-1 Input Capacitance
CA
10
pF
Input Capacitance: All other input-only pins
CI2
9pF
Input/Output Capacitance: I/Os
CIO
10
pF
BGA THERMAL RESISTANCE
Description
Symbol Typical Units
Notes
Junction to Ambient (No Airflow)
Theta JA
15.8
°C/W
1
Junction to Ball
Theta JB
15.7
°C/W
1
Junction to Case (Top)
Theta JC
7.2
°C/W
1
Note: These typical thermal resistances are for each DRAM die; if using total power of
the MCP, divide above values by five(5).
Refer to "PBGA Thermal Resistance Correlation" (Application Note) at www.whiteedc.
com in the application notes section for modeling conditions.
SDRAM must have NOP commands issued for tXSNR,
because time is required for the completion of any internal
refresh in progress.
A simple algorithm for meeting both refresh and DLL
requirements is to apply NOPs for tXSNR time, then a DLL
Reset and NOPs for 200 additional clock cycles before
applying any other command.
REGISTER RECOMMENDED OPERATING CONDITIONS
Parameter/Condition
Min
Max
Unit
VIH AC high-level input voltage
Data inputs
VREF+310mV
V
VIL AC low-level input voltage
Data inputs
VREF-310mV
V
VIH High-level input voltage
RESET#
1.7
V
VIL Low-level input voltage
RESET#
0.7
V
Note: The RESET# input of the device must be held at a valid logic level (not floating) to ensure proper device operation.


Similar Part No. - W3E32M72SR-266SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-200BC WEDC-W3E32M72S-200BC Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-200BI WEDC-W3E32M72S-200BI Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-200BM WEDC-W3E32M72S-200BM Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-200SBC WEDC-W3E32M72S-200SBC Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-200SBI WEDC-W3E32M72S-200SBI Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72SR-266SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3E32M72S-XBX WEDC-W3E32M72S-XBX Datasheet
669Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726B4-M HYNIX-HYMD264G726B4-M Datasheet
234Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com