Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M72S-266BM Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # W3E32M72S-266BM
Description  32Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M72S-266BM Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  W3E32M72S-266BM Datasheet HTML 1Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 2Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 3Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M72S-266BM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W3E32M72S-XBX
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
March 2006
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DENSITY COMPARISONS
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed. The address bits registered
coincident with the READ or WRITE command are used
to select the bank and the starting column location for the
burst access.
The DDR SDRAM provides for programmable READ
or WRITE burst lengths of 2, 4, or 8 locations. An auto
precharge function may be enabled to provide a self-
timed row precharge that is initiated at the end of the
burst access.
The pipelined, multibank architecture of DDR SDRAMs allows
for concurrent operation, thereby providing high effective
bandwidth by hiding row precharge and activation time.
An auto refresh mode is provided, along with a power-
saving power-down mode. All inputs are compatible with
the Jedec Standard for SSTL_2. All full drive options
outputs are SSTL_2, Class II compatible.
Area
5 x 265mm2 = 1325mm2
800mm2
40%
5 x 66 pins = 330 pins
219 Balls
34%
S
A
V
I
N
G
S
I/O
Count
TSOP Approach (mm)
22.3
11.9
66
TSOP
11.9
66
TSOP
11.9
66
TSOP
11.9
66
TSOP
11.9
66
TSOP
Actual Size
W3E32M72S-XBX
22
16
FUNCTIONAL DESCRIPTION
Read and write accesses to the DDR SDRAM are burst
oriented; accesses start at a selected location and continue
for a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank and
row to be accessed (BA0 and BA1 select the bank, A0-12
select the row). The address bits registered coincident
with the READ or WRITE command are used to select the
starting column location for the burst access.
Prior to normal operation, the DDR SDRAM must be
initialized. The following sections provide detailed
information covering device initialization, register definition,
command descriptions and device operation.
INITIALIZATION
DDR SDRAMs must be powered up and initialized in a
predefined manner. Operational procedures other than
those specified may result in undefined operation. Power
must first be applied to VCC and VCCQ simultaneously, and
then to VREF (and to the system VTT). VTT must be applied


Similar Part No. - W3E32M72S-266BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-266SBC WEDC-W3E32M72S-266SBC Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-266SBI WEDC-W3E32M72S-266SBI Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72S-266SBM WEDC-W3E32M72S-266SBM Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
More results

Similar Description - W3E32M72S-266BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M72S-XSBX WEDC-W3E32M72S-XSBX Datasheet
465Kb / 19P
   32Mx72 DDR SDRAM
W3E32M72SR-XSBX WEDC-W3E32M72SR-XSBX Datasheet
717Kb / 19P
   32Mx72 REGISTERED DDR SDRAM
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Austin Semiconductor
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com