Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M64S-250SBC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3E32M64S-250SBC
Description  32Mx64 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M64S-250SBC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3E32M64S-250SBC Datasheet HTML 1Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 2Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 3Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M64S-250SBC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E32M64S-XSBX
July 2006
Rev. 5
A0-12
A0-12
BA0-1
BA0-1
CLK0
CLK
CAS
DQ0
DQ15
CKE0
CKE
CS0
CS
DQML0
DQML
DQMH0
DQMH
RAS1
WE1
CAS1
DQ0
DQ15
WE
U1
RAS
A0-12
BA0-1
CLK1
CLK
CAS
DQ16
DQ31
RAS0
WE0
CAS0
DQ0
DQ15
WE
U0
RAS
CKE1
CKE
CS1
CS
DQML1
DQML
DQMH1
DQMH
RAS2
WE2
CAS2
DQ0
DQ15
WE
U2
RAS
A0-12
BA0-1
CLK2
CLK
CAS
DQ32
DQ47
CKE2
CKE
CS2
CS
DQML2
DQML
DQMH2
DQMH
RAS3
WE3
CAS3
DQ0
DQ15
WE
U3
RAS
A0-12
BA0-1
CLK3
CLK
CAS
DQ48
DQ63
CKE3
CKE
CS3
CS
DQSL3
DQSL
DQSH3
DQSH
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
Y=
CLK3
CLK
VREF
DQSL2
DQSL
DQSH2
DQSH
VREF
DQSL1
DQSL
DQSH1
DQSH
VREF
DQSL0
DQSL
DQSH0
DQSH
VREF
CLK2
CLK
CLK1
CLK
CLK0
CLK
VREF
DQML3
DQML
DQMH3
DQMH
FIGURE 2 FUNCTIONAL BLOCK DIAGRAM
INITIALIZATION
DDR SDRAMs must be powered up and initialized in a
predefined manner. Operational procedures other than
those specified may result in undefined operation. Power
must first be applied to VCC and VCCQ simultaneously, and
then to VREF (and to the system VTT). VTT must be applied
after VCCQ to avoid device latch-up, which may cause
permanent damage to the device. VREF can be applied any
time after VCCQ but is expected to be nominally coincident
with VTT. Except for CKE, inputs are not recognized as
valid until after VREF is applied. CKE is an SSTL_2 input
but will detect an LVCMOS LOW level after VCC is applied.
After CKE passes through VIH, it will transition to an
SSTL_2 signal and remain as such until power is cycled.
Maintaining an LVCMOS LOW level on CKE during power-
up is required to ensure that the DQ and DQS outputs will
be in the High-Z state, where they will remain until driven
in normal operation (by a read access). After all power
supply and reference voltages are stable, and the clock
is stable, the DDR SDRAM requires a 200µs delay prior
to applying an executable command.
Once the 200µs delay has been satisfied, a DESELECT
or NOP command should be applied, and CKE should
be brought HIGH. Following the NOP command, a
PRECHARGE ALL command should be applied. Next a
LOAD MODE REGISTER command should be issued for
the extended mode register (BA1 LOW and BA0 HIGH)
to enable the DLL, followed by another LOAD MODE
REGISTER command to the mode register (BA0/BA1
both LOW) to reset the DLL and to program the operating
parameters. Two-hundred clock cycles are required
between the DLL reset and any READ command. A
PRECHARGE ALL command should then be applied,
placing the device in the all banks idle state.
Once in the idle state, two AUTO REFRESH cycles must
be performed (tRFC must be satisfied.) Additionally, a LOAD
MODE REGISTER command for the mode register with
the reset DLL bit deactivated (i.e., to program operating
parameters without resetting the DLL) is required.
Following these requirements, the DDR SDRAM is ready
for normal operation.


Similar Part No. - W3E32M64S-250SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-250BC WEDC-W3E32M64S-250BC Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-250BI WEDC-W3E32M64S-250BI Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-250BM WEDC-W3E32M64S-250BM Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
More results

Similar Description - W3E32M64S-250SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XBX WEDC-W3E32M64S-XBX Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com