Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M64S-333BC Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3E32M64S-333BC
Description  32Mx64 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M64S-333BC Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3E32M64S-333BC Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M64S-333BC Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
W3E32M64S-XBX
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
July 2006
Rev. 3
COMMAND
READ
NOP
NOP
NOP
CL = 2.5
DON'T CARE
TRANSITIONING DATA
DQ
DQS
T0
T1
T2
T2n
T3
T3n
COMMAND
READ
NOP
NOP
NOP
CL = 2
DQ
DQS
CLK
CLK
T0
T1
T2
T2n
T3
T3n
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
DATA
CLK
CLK
FIGURE 4 – CAS LATENCY
FIGURE 5 – EXTENDED MODE
REGISTER DEFINITION
DLL
Enable
Disable
DLL
DS
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Extended Mode
Register (Ex)
Address Bus
Operating Mode
A10
A11
11
01
BA0
BA1
E0
0
1
Drive Strength
Normal
Reduced
E1
0
1
Operating Mode
Reserved
Reserved
E1, E0
Valid
-
E12
0
-
E10
0
-
E9
0
-
E8
0
-
E7
0
-
E6
0
-
E5
0
-
E4
0
-
E3
0
-
A12
E11
0
-
1. E14 and E13 must be "0, 1" to select the Extended Mode Register (vs. the base Mode Register)
2. The QFC function is not supported.
E2
0
-
allowed as long as it does not interrupt the data transfer
in the current bank and does not violate any other timing
parameters. Input A10 determines whether one or all
banks are to be precharged, and in the case where only
one bank is to be precharged, inputs BA0, BA1 select the
bank. Otherwise BA0, BA1 are treated as “Don’t Care.”
Once a bank has been precharged, it is in the idle state and
must be activated prior to any READ or WRITE commands
being issued to that bank. A PRECHARGE command will
be treated as a NOP if there is no open row in that bank
(idle state), or if the previously open row is already in the
process of precharging.
AUTO PRECHARGE
AUTO PRECHARGE is a feature which performs the
same individual-bank PRECHARGE function described
above, but without requiring an explicit command. This is
accomplished by using A10 to enable AUTO PRECHARGE
in conjunction with a specific READ or WRITE command.
A precharge of the bank/row that is addressed with the
READ or WRITE command is automatically performed
upon completion of the READ or WRITE burst. AUTO
PRECHARGE is non persistent in that it is either enabled
or disabled for each individual READ or WRITE command.
The device supports concurrent auto precharge if the
command to the other bank does not interrupt the data
transfer to the current bank.
AUTO PRECHARGE ensures that the precharge is
initiated at the earliest valid stage within a burst. This
“earliest valid stage” is determined as if an explicit
precharge command was issued at the earliest possible
time, without violating tRAS (MIN).The user must not issue
another command to the same bank until the precharge
time (tRP) is completed.
BURST TERMINATE
The BURST TERMINATE command is used to truncate
READ bursts (with auto precharge disabled). The most
recently registered READ command prior to the BURST
TERMINATE command will be truncated. The open page
which the READ burst was terminated from remains
open.


Similar Part No. - W3E32M64S-333BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-333SBC WEDC-W3E32M64S-333SBC Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-333SBI WEDC-W3E32M64S-333SBI Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-333SBM WEDC-W3E32M64S-333SBM Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
More results

Similar Description - W3E32M64S-333BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XSBX WEDC-W3E32M64S-XSBX Datasheet
723Kb / 17P
   32Mx64 DDR SDRAM
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com