Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M64S-266SBC Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3E32M64S-266SBC
Description  32Mx64 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M64S-266SBC Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3E32M64S-266SBC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 11Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 12Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 13Page - White Electronic Designs Corporation W3E32M64S-266SBC Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E32M64S-XSBX
July 2006
Rev. 5
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VCC, VCCQ Supply relative to Vss
-1 to 3.6
V
Voltage on I/O pins relative to Vss
-1 to 3.6
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +125
°C
NOTE: Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 13)
Parameter
Symbol
Max
Unit
Input Capacitance: CK/CK#
CI1
6
pF
Addresses, BA0-1 Input Capacitance
CA
20
pF
Input Capacitance: All other input-only pins
CI2
6pF
Input/Output Capacitance: I/Os
CIO
9
pF
BGA THERMAL RESISTANCE
Description
Symbol
Typical
Units
Notes
Junction to Ambient (No Airflow)
Theta JA
15.7
°C/W
1
Junction to Ball
Theta JB
13.8
°C/W
1
Junction to Case (Top)
Theta JC
2.8
°C/W
1
Refer to "PBGA Thermal Resistance Correlation" (Application Note) at www.wedc.com in the application notes section for modeling conditions.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1-5, 16, 52)
VCC, VCCQ = +2.5V ± 0.2V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Min
Max
Units
Supply Voltage (36, 41)
VCC
2.3
2.7
V
I/O Supply Voltage (36, 41, 44, 52)
VCCQ
2.3
2.7
V
Input Leakage Current: Any input 0V ≤ VIN ≤ VCC (All other pins not under test = 0V)
II
-2
2
µA
Input Leakage Address Current (All other pins not under test = 0V)
II
-8
8
µA
Output Leakage Current: I/Os are disabled; 0V ≤ VOUT ≤ VCCQ
IOZ
-5
5
µA
Output Levels: Full drive option (37, 39)
High Current (VOUT = VCCQ - 0.373V, minimum VREF, minimum VTT)
Low Current (VOUT = 0.373V, maximum VREF, maximum VTT)
IOH
-12
-
mA
IOL
12
-
mA
Output Levels: Reduced drive option (38, 39)
High Current (VOUT = VCCQ - 0.763V, minimum VREF, minimum VTT)
Low Current (VOUT = 0.763V, maximum VREF, maximum VTT)
IOHR
-9
-
mA
IOLR
9-
mA
I/O Reference Voltage (6,44)
VREF
0.49 x VCCQ
0.51 x VCCQ
V
I/O Termination Voltage (7, 44)
VTT
VREF - 0.04
VREF + 0.04
V


Similar Part No. - W3E32M64S-266SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-266BC WEDC-W3E32M64S-266BC Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-266BI WEDC-W3E32M64S-266BI Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-266BM WEDC-W3E32M64S-266BM Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
More results

Similar Description - W3E32M64S-266SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XBX WEDC-W3E32M64S-XBX Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com