Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E32M64S-333SBC Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3E32M64S-333SBC
Description  32Mx64 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E32M64S-333SBC Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3E32M64S-333SBC Datasheet HTML 3Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 4Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 5Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 6Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 7Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 8Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 9Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 10Page - White Electronic Designs Corporation W3E32M64S-333SBC Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3E32M64S-XSBX
July 2006
Rev. 5
TABLE 1 – BURST DEFINITION
NOTES:
1.
For a burst length of two, A1-Ai select two-data-element block; A0 selects the
starting column within the block.
2.
For a burst length of four, A2-Ai select four-data-element block; A0-1 select the
starting column within the block.
3.
For a burst length of eight, A3-Ai select eight-data-element block; A0-2 select the
starting column within the block.
4.
Whenever a boundary of the block is reached within a given sequence above, the
following access wraps within the block.
FIGURE 3 MODE REGISTER DEFINITION
M3 = 0
2
4
8
Reserved
Reserved
Reserved
M3 = 1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Normal Operation
Normal Operation/Reset DLL
All other states reserved
00
Valid
Valid
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
Reserved
Reserved
2.5
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Operating Mode
A10
A11
* M14 and M13
(BA0 and BA1 must be
"0, 0" to select
the base mode register
(vs. the extended
mode register).
0*
0*
BA0
BA1
Reserved
Reserved
Reserved
Reserved
M9
M10
M11
0
0
0
10
0
0
0
--
-
-
-
-
A12
M12
0
0
-
HIGH, the corresponding data inputs will be ignored, and a
WRITE will not be executed to that byte/column location.
PRECHARGE
The PRECHARGE command is used to deactivate the
open row in a particular bank or the open row in all banks.
The bank(s) will be available for a subsequent row access
a specified time (tRP) after the PRECHARGE command is
issued. Except in the case of concurrent auto precharge,
where a READ or WRITE command to a different bank is
allowed as long as it does not interrupt the data transfer
in the current bank and does not violate any other timing
parameters. Input A10 determines whether one or all
banks are to be precharged, and in the case where only
one bank is to be precharged, inputs BA0, BA1 select the
bank. Otherwise BA0, BA1 are treated as “Don’t Care.”
Once a bank has been precharged, it is in the idle state and
must be activated prior to any READ or WRITE commands
being issued to that bank. A PRECHARGE command will
be treated as a NOP if there is no open row in that bank
(idle state), or if the previously open row is already in the
process of precharging.
AUTO PRECHARGE
AUTO PRECHARGE is a feature which performs the
same individual-bank PRECHARGE function described
above, but without requiring an explicit command. This is
accomplished by using A10 to enable AUTO PRECHARGE
Burst
Length
Starting Column
Address
Order of Accesses Within a Burst
Type = Sequential
Type = Interleaved
2
A0
0
0-1
0-1
1
1-0
1-0
4
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0


Similar Part No. - W3E32M64S-333SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-333BC WEDC-W3E32M64S-333BC Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-333BI WEDC-W3E32M64S-333BI Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3E32M64S-333BM WEDC-W3E32M64S-333BM Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
More results

Similar Description - W3E32M64S-333SBC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XBX WEDC-W3E32M64S-XBX Datasheet
802Kb / 17P
   32Mx64 DDR SDRAM
W3EG6432S-D3 WEDC-W3EG6432S-D3 Datasheet
342Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
W3EG6432S-D4 WEDC-W3EG6432S-D4 Datasheet
167Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG32M64ETSU-D3 WEDC-WV3EG32M64ETSU-D3 Datasheet
279Kb / 12P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com