Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E64M72S-250BM Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3E64M72S-250BM
Description  64Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E64M72S-250BM Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3E64M72S-250BM Datasheet HTML 4Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 5Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 6Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 7Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 8Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 9Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 10Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 11Page - White Electronic Designs Corporation W3E64M72S-250BM Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
W3E64M72S-XBX
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2005
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
TABLE 1 – BURST DEFINITION
Burst
Length
Starting Column
Address
Order of Accesses Within a Burst
Type = Sequential
Type = Interleaved
2
A0
0
0-1
0-1
1
1-0
1-0
4
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
NOTES:
1. For a burst length of two, A1-Ai select two-data-element block; A0
selects the starting column within the block.
2. For a burst length of four, A2-Ai select four-data-element block; A0-1
select the starting column within the block.
3. For a burst length of eight, A3-Ai select eight-data-element block;
A0-2 select the starting column within the block.
4. Whenever a boundary of the block is reached within a given
sequence above, the following access wraps within the block.
FIGURE 3 – MODE REGISTER DEFINITION
M3 = 0
2
4
8
Reserved
Reserved
Reserved
M3 = 1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Normal Operation
Normal Operation/Reset DLL
All other states reserved
00
Valid
Valid
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
Reserved
Reserved
2.5
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Operating Mode
A10
A11
* M14 and M13
(BA0 and BA1 must be
"0, 0" to select
the base mode register
(vs. the extended
mode register).
0*
0*
BA0
BA1
Reserved
Reserved
Reserved
Reserved
M9
M10
M11
0
0
0
10
0
0
0
--
-
-
-
-
A12
M12
0
0
-
14
13
12 11 10
9
8
7
6
5
4
3
2
1
0
PRECHARGE is nonpersistent in that it is either enabled
or disabled for each individual READ or WRITE command.
The device supports concurrent auto precharge if the
command to the other bank does not interrupt the data
transfer to the current bank.
AUTO PRECHARGE ensures that the precharge is
initiated at the earliest valid stage within a burst. This
“earliest valid stage” is determined as if an explicit
precharge command was issued at the earliest possible
time, without violating tRAS (MIN).The user must not issue
another command to the same bank until the precharge
time (tRP) is completed.
BURST TERMINATE
The BURST TERMINATE command is used to truncate
READ bursts (with auto precharge disabled). The most
recently registered READ command prior to the BURST
TERMINATE command will be truncated. The open page
which the READ burst was terminated from remains
open.
AUTO REFRESH
AUTO REFRESH is used during normal operation of the
DDR SDRAM and is analogous to CAS-BEFORE-RAS
(CBR) REFRESH in conventional DRAMs. This command
is nonpersistent, so it must be issued each time a refresh
is required. All banks must be idle before an AUTO
REFRESH command is issued.
The addressing is generated by the internal refresh
controller. This makes the address bits “Don’t Care”


Similar Part No. - W3E64M72S-250BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M64S-200BC WEDC-W3E16M64S-200BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BI WEDC-W3E16M64S-200BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BM WEDC-W3E16M64S-200BM Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BC WEDC-W3E16M64S-250BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BI WEDC-W3E16M64S-250BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results

Similar Description - W3E64M72S-250BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com