Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCGF5A2G103Y Datasheet(PDF) 2 Page - Hitachi Metals, Ltd

Part # HCGF5A2G103Y
Description  SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HCGF5A2G103Y Datasheet(HTML) 2 Page - Hitachi Metals, Ltd

  HCGF5A2G103Y Datasheet HTML 1Page - Hitachi Metals, Ltd HCGF5A2G103Y Datasheet HTML 2Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
56
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
350V(2V)
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
36·53
36·83
36·83
36·83
36·100
36·100
51·75
51·75
51·96
51·96
51·130
51·130
64·115
64·130
77·115
77·130
77·155
90·157
90·157
90·196
90·236
A5
A8
A8
A8
A10
A10
C8R
C8R
C10R
C10R
C13R
C13R
D12R
D13R
E12R
E13R
E16R
F16R
F16R
F20R
F24R
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
04.5
05.8
06.4
07.0
08.3
09.2
10.3
11.5
13.9
15.4
19.3
21.4
24.2
27.9
30.7
35.4
41.7
49.0
54.1
66.2
77.9
HCGF5A2V3911
HCGF5A2V4711
HCGF5A2V5611
HCGF5A2V6811
HCGF5A2V8211
HCGF5A2V1021
HCGF5A2V122Y
HCGF5A2V152Y
HCGF5A2V182Y
HCGF5A2V222Y
HCGF5A2V272Y
HCGF5A2V332Y
HCGF5A2V392Y
HCGF5A2V472Y
HCGF5A2V562Y
HCGF5A2V682Y
HCGF5A2V822Y
HCGF5A2V103Y
HCGF5A2V123Y
HCGF5A2V153Y
HCGF5A2V183Y
450V(2W)
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
36·53
36·83
36·83
36·83
36·100
36·100
51·75
51·75
51·96
51·115
51·130
64·96
64·115
64·130
77·115
77·130
77·155
90·157
90·157
90·196
90·236
A5
A8
A8
A8
A10
A10
C8R
C8R
C10R
C12R
C13R
D10R
D12R
D13R
E12R
E13R
E16R
F16R
F16R
F20R
F24R
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
03.7
04.9
05.3
05.8
06.9
07.6
08.6
09.4
11.4
13.7
15.8
17.0
20.2
23.4
25.6
29.4
34.6
40.5
44.6
53.9
63.8
HCGF5A2W2711
HCGF5A2W3311
HCGF5A2W3911
HCGF5A2W4711
HCGF5A2W5611
HCGF5A2W6811
HCGF5A2W821Y
HCGF5A2W102Y
HCGF5A2W122Y
HCGF5A2W152Y
HCGF5A2W182Y
HCGF5A2W222Y
HCGF5A2W272Y
HCGF5A2W332Y
HCGF5A2W392Y
HCGF5A2W472Y
HCGF5A2W562Y
HCGF5A2W682Y
HCGF5A2W822Y
HCGF5A2W103Y
HCGF5A2W123Y
400V(2G)
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
36·53
36·83
36·83
36·83
36·100
36·100
51·75
51·75
51·96
51·96
51·130
64·96
64·115
64·130
77·115
77·130
77·155
90·157
90·157
90·196
90·236
A5
A8
A8
A8
A10
A10
C8R
C8R
C10R
C10R
C13R
D10R
D12R
D13R
E12R
E13R
E16R
F16R
F16R
F20R
F24R
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
04.1
05.3
05.8
06.4
07.6
08.3
09.4
10.3
12.7
13.9
17.4
18.8
22.2
25.4
28.2
32.2
38.0
44.4
49.4
59.1
71.1
HCGF5A2G3311
HCGF5A2G3911
HCGF5A2G4711
HCGF5A2G5611
HCGF5A2G6811
HCGF5A2G8211
HCGF5A2G102Y
HCGF5A2G122Y
HCGF5A2G152Y
HCGF5A2G182Y
HCGF5A2G222Y
HCGF5A2G272Y
HCGF5A2G332Y
HCGF5A2G392Y
HCGF5A2G472Y
HCGF5A2G562Y
HCGF5A2G682Y
HCGF5A2G822Y
HCGF5A2G103Y
HCGF5A2G123Y
HCGF5A2G153Y
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tand
20°C,120Hz
Ripple current
(Arms)
40°C,120Hz
Product name


Similar Part No. - HCGF5A2G103Y

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGF5A2G103YF157PH AICTECH-HCGF5A2G103YF157PH Datasheet
70Kb / 3P
   Useful of 4,000 hours at 85ºC
More results

Similar Description - HCGF5A2G103Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCGHA ETC-HCGHA Datasheet
211Kb / 2P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
AIC tech Inc.
VFL AICTECH-VFL Datasheet
86Kb / 4P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HCGF6A ETC-HCGF6A Datasheet
199Kb / 1P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com