Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3E64M72S-266BI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3E64M72S-266BI
Description  64Mx72 DDR SDRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3E64M72S-266BI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3E64M72S-266BI Datasheet HTML 2Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 3Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 4Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 5Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 6Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 7Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 8Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 9Page - White Electronic Designs Corporation W3E64M72S-266BI Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
W3E64M72S-XBX
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
June 2005
Rev. 0
ADVANCED
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column
address, as shown in Table 1.
READ LATENCY
The READ latency is the delay, in clock cycles, between
the registration of a READ command and the availability
of the first bit of output data. The latency can be set to 2,
2.5, or 3 clocks.
If a READ command is registered at clock edge n, and the
latency is m clocks, the data will be available by clock edge
n+m. Table 2 below indicates the operating frequencies at
which each CAS latency setting can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
OPERATING MODE
The normal operating mode is selected by issuing a MODE
REGISTER SET command with bits A7-A12 each set to
zero, and bits A0-A6 set to the desired values. A DLL reset
is initiated by issuing a MODE REGISTER SET command
with bits A7 and A9-A12 each set to zero, bit A8 set to one,
and bits A0-A6 set to the desired values. Although not
required, JEDEC specifications recommend when a LOAD
MODE REGISTER command is issued to reset the DLL, it
should always be followed by a LOAD MODE REGISTER
command to select normal operating mode.
All other combinations of values for A7-A12 are reserved
for future use and/or test modes. Test modes and reserved
states should not be used because unknown operation or
incompatibility with future versions may result.
EXTENDED MODE REGISTER
The extended mode register controls functions beyond
those controlled by the mode register; these additional
functions are DLL enable/disable, output drive strength,
and QFC. These functions are controlled via the bits shown
in Figure 5. The extended mode register is programmed
via the LOAD MODE REGISTER command to the mode
register (with BA0 = 1 and BA1 = 0) and will retain the
stored information until it is programmed again or the
device loses power. The enabling of the DLL should always
be followed by a LOAD MODE REGISTER command to the
mode register (BA0/BA1 both LOW) to reset the DLL.
The extended mode register must be loaded when all
banks are idle and no bursts are in progress, and the
controller must wait the specified time before initiating
any subsequent operation. Violating either of these
requirements could result in unspecified operation.
TABLE 2 – CAS LATENCY
ALLOWABLE OPERATING FREQUENCY (MHz)
SPEED
CAS LATENCY = 2 CAS LATENCY = 2.5 CAS LATENCY = 3
-200
≤ 75
≤ 100
-250
≤ 100
≤ 125
-266
≤ 100
≤ 133
-333*
≤ 100
≤ 133/≤ 166
≤ 166
* For 333Mbs operation of Industrial and commercial temperatures CL = 2.5, at Military
temperature CL = 3.
OUTPUT DRIVE STRENGTH
The normal full drive strength for all outputs are specified
to be SSTL2, Class II.
DLL ENABLE/DISABLE
When the part is running without the DLL enabled, device
functionality may be altered. The DLL must be enabled for
normal operation. DLL enable is required during power-
up initialization and upon returning to normal operation
after having disabled the DLL for the purpose of debug or
evaluation. (When the device exits self refresh mode, the
DLL is enabled automatically.) Any time the DLL is enabled,
200 clock cycles with CKE high must occur before a READ
command can be issued.


Similar Part No. - W3E64M72S-266BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E16M64S-200BC WEDC-W3E16M64S-200BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BI WEDC-W3E16M64S-200BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-200BM WEDC-W3E16M64S-200BM Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BC WEDC-W3E16M64S-250BC Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
W3E16M64S-250BI WEDC-W3E16M64S-250BI Datasheet
709Kb / 16P
   16Mx64 DDR SDRAM
More results

Similar Description - W3E64M72S-266BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com