Electronic Components Datasheet Search |
|
W3EG2128M72AFSR265AD3XG Datasheet(PDF) 6 Page - White Electronic Designs Corporation |
|
W3EG2128M72AFSR265AD3XG Datasheet(HTML) 6 Page - White Electronic Designs Corporation |
6 / 13 page W3EG2128M72AFSR-D3 -AD3 6 White Electronic Designs January 2006 Rev. 3 FINAL White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com ICC1 : OPERATING CURRENT : ONE BANK 1. Typical Case : VCC=2.5V, T=25°C 2. Worst Case : VCC=2.7V, T=10°C 3. Only one bank is accessed with tRC (min), Burst Mode, Address and Control inputs on NOP edge are changing once per clock cycle. IOUT = 0mA 4. Timing Patterns : • DDR200 (100 MHz, CL=2) : tCK=10ns, CL2, BL=4, tRCD=2*tCK, tRAS=5*tCK Read : A0 N R0 N N P0 N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst • DDR266 (133MHz, CL=2.5) : tCK=7.5ns, CL=2.5, BL=4, tRCD=3*tCK, tRC=9*tCK, tRAS=5*tCK Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst • DDR266 (133MHz, CL=2) : tCK=7.5ns, CL=2, BL=4, tRCD=3*tCK, tRC=9*tCK, tRAS=5*tCK Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst • DDR333 (166MHz, CL=2.5) : tCK=6ns, BL=4, tRCD=10*tCK, tRAS=7*tCK Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst • DDR400 (200MHz, CL=3) : tCK=5ns, BL=4, tRCD=15*tCK, tRAS=7*tCK Read : A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing; 50% of data changing at every burst ICC7A : OPERATING CURRENT : FOUR BANKS 1. Typical Case : VCC=2.5V, T=25°C 2. Worst Case : VCC=2.7V, T=10°C 3. Four banks are being interleaved with tRC (min), Burst Mode, Address and Control inputs on NOP edge are not changing. Iout=0mA 4. Timing Patterns : • DDR200 (100 MHz, CL=2) : tCK=10ns, CL2, BL=4, tRRD=2*tCK, tRCD=3*tCK, Read with Autoprecharge Read : A0 N A1 R0 A2 R1 A3 R2 A0 R3 A1 R0 repeat the same timing with random address changing; 100% of data changing at every burst • DDR266 (133MHz, CL=2.5) : tCK=7.5ns, CL=2.5, BL=4, tRRD=3*tCK, tRCD=3*tCK Read with Autoprecharge Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing; 100% of data changing at every burst • DDR266 (133MHz, CL=2) : tCK=7.5ns, CL2=2, BL=4, tRRD=2*tCK, tRCD=2*tCK Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing; 100% of data changing at every burst • DDR333 (166MHz, CL=2.5) : tCK=6ns, BL=4, tRRD=3*tCK, tRCD=3*tCK, Read with Autoprecharge Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing; 100% of data changing at every burst • DDR400 (200MHz, CL=3) : tCK=5ns, BL=4, tRRD=10*tCK, tRCD=15*tCK, Read with Autoprecharge Read : A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing; 100% of data changing at every burst DETAILED TEST CONDITIONS FOR DDR SDRAM ICC1 & ICC7A Legend: A = Activate, R = Read, W = Write, P = Precharge, N = NOP A (0-3) = Activate Bank 0-3 R (0-3) = Read Bank 0-3 |
Similar Part No. - W3EG2128M72AFSR265AD3XG |
|
Similar Description - W3EG2128M72AFSR265AD3XG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |