Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG2128M72AFSR-AD3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG2128M72AFSR-AD3
Description  2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2128M72AFSR-AD3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG2128M72AFSR-AD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
W3EG2128M72AFSR-D3
-AD3
11
White Electronic Designs
January 2006
Rev. 3
FINAL
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
ORDERING INFORMATION FOR AD3
Part Number
Speed/Data Rate
CAS Latency
tRCD
tRP
Height*
W3EG2128M72AFSR403AD3xG
200MHz/400Mb/s
3
3
3
30.48 (1.20") MAX
W3EG2128M72AFSR335AD3xG
166MHz/333Mb/s
2.5
3
3
30.48 (1.20") MAX
W3EG2128M72AFSR262AD3xG
133MHz/266Mb/s
2
2
2
30.48 (1.20") MAX
W3EG2128M72AFSR263AD3xG
133MHz/266Mb/s
2
3
3
30.48 (1.20") MAX
W3EG2128M72AFSR265AD3xG
133MHz/266Mb/s
2.5
3
3
30.48 (1.20") MAX
NOTES:
• RoHS compliant products. (G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option
• In an effort to support our customer’s traceability and control requirements (which enables them to quickly identify component speed grades used on modules in the field); WEDC
has created a “26A” module part number option. The W3EG2128M72AFSR26AAD3xG product part number meets all the requirements of the W3EG2128M72AFSR265AD3xG
product however it is built using 400Mhz rated components. We recommend therefore that customers include both the “26A” and “265” final part numbers on their AVL in order to
support flexibility of sourcing and to allow for the best module sourcing lead times. For those customers who wish to allow both sourcing options but only would like to include one
product part number on their AVL, WEDC can accommodate. Please consult factory for more details.
LOW-PROFILE AD3 184-PIN DDR DIMM DIMENSIONS
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).
30.48 (1.2)
MAX
PIN 1
17.78 (0.700)
TYP.
2.50
(0.098) D
(2X)
2.30
(0.091)
TYP.
2.30
(0.091)
TYP.
6.35 (0.250) TYP.
120.65 (4.750)
1.27 (0.050)
TYP.
1.02 (0.040)
TYP.
2.00
(0.079) R
(4x)
0.90 (0.035) R
PIN 92
FRONT VIEW
133.20 (5.255)
64.77 (2.55)
49.53 (1.95)
10.00 (0.394)
TYP.
BACK VIEW
PIN 184
PIN 93
1.37 (0.054)
3.81 (0.150)
MAX


Similar Part No. - W3EG2128M72AFSR-AD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG2128M72AFSR-AD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com