Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG2128M72AFSR-AD3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3EG2128M72AFSR-AD3
Description  2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2128M72AFSR-AD3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3EG2128M72AFSR-AD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W3EG2128M72AFSR-D3
-AD3
4
White Electronic Designs
January 2006
Rev. 3
FINAL
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 - 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 - 3.6
V
Storage Temperature
TSTG
-55 - +150
°C
Power Dissipation
PD
27
W
Short Circuit Current
I0S
50
mA
Note:
• Permanent device damage may occur if ‘ABSOLUTE MAXIMUM RATINGS’ are exceeded.
• Functional operation should be restricted to recommended operating condition.
• Exposure to higher than recommended voltage for extended periods of time could affect device reliability
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
*
VCC
2.3
2.7
V
Supply Voltage
*
VCCQ
2.3
2.7
V
Reference Voltage
VREF
.49 x VCCQ
.51 x VCCQ
V
Termination Voltage
VTT
VREF - .04
VREF + .04
V
Input High Voltage
VIH
VREF + 0.15
VCCQ + 0.3
V
Input Low Voltage
VIL
-0.3
VREF - 0.15
V
Output High Current
IOH
16.8
mA
Output Low Current
IOL
16.8
mA
Note:
* DDR400 VCC = VCCQ = 2.6V ± 0.1V.
Parameter
Symbol
Max
Unit
Input Capacitance (A0-A12)
CIN1
5.5
pF
Input Capacitance (RAS#, CAS#, WE#)
CIN2
5.5
pF
Input Capacitance (CKE0)
CIN3
5.5
pF
Input Capacitance (CK0, CK0#)
CIN4
5.5
pF
Input Capacitance (CS0#)
CIN5
5.5
pF
Input Capacitance (DQM0-DQM8)
CIN6
13.0
pF
Input Capacitance (BA0-BA1)
CIN7
5.5
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
13.0
pF
Data input/output capacitance (CB0-CB7)
COUT
13.0
pF
Note:
• These parameters serve to support both SAMSUNG and MICRON components based modules.
DC CHARACTERISTICS
0°C
≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V
CAPACITANCE
TA = 25°C, f = 1MHz, VCC = 2.5V ± 0.2V


Similar Part No. - W3EG2128M72AFSR-AD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG2128M72AFSR-AD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com