Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG2128M72AFSR-AD3 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG2128M72AFSR-AD3
Description  2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG2128M72AFSR-AD3 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG2128M72AFSR-AD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG2128M72AFSR-AD3 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
W3EG2128M72AFSR-D3
-AD3
8
White Electronic Designs
January 2006
Rev. 3
FINAL
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS (continued)
DDR400: VCC = VCCQ = +2.6V ± 0.1V; DDR333, 266: VCC = VCCQ = +2.5V ± 0.2V
AC Characteristics
403
335
262
265
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
ACTIVE to ACTIVE/AUTO REFRESH command period
tRC
55
60
60
60
ns
AUTO REFRESH command period
tRFC
70
72
75
75
ns
21
ACTIVE to READ or WRITE delay
tRCD
15
15
15
15
ns
PRECHARGE command period
tRP
15
15
15
15
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
ACTIVE bank a to ACTIVE bank b command
tRRD
10
12
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
0000
ns
10,11
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
9
Write recovery time
tWR
15
15
15
15
ns
Internal WRITE to READ command delay
tWTR
2111
tCK
Data valid output window
NA
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
13
REFRESH to REFRESH command interval
tREFC
70.3
70.3
70.3
70.3
μs
12
Average periodic refresh interval
tREFI
7.8
7.8
7.8
7.8
μs
12
Terminating voltage delay to VCC
tVTD
0000
ns
Exit SELF REFRESH to non-READ command
tXSNR
70
75
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
200
tCK
Note:
• These parameters serve to support both SAMSUNG and MICRON components based modules.


Similar Part No. - W3EG2128M72AFSR-AD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR263JD3XG WEDC-W3EG2128M64ETSR263JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR265JD3XG WEDC-W3EG2128M64ETSR265JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSR335JD3XG WEDC-W3EG2128M64ETSR335JD3XG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG2128M64ETSRXXXJD3MG WEDC-W3EG2128M64ETSRXXXJD3MG Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
More results

Similar Description - W3EG2128M72AFSR-AD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com