Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6464S263D3 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG6464S263D3
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6464S263D3 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG6464S263D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG6464S263D3 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
White Electronic Designs
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
May 2005
Rev. 3
W3EG6464S-JD3-D3
PRELIMINARY
Not
Recommended
For
New
Designs.
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20)
MAX
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
2.54
(0.100)
MAX
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR D3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR D3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG6464S262D3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG6464S263D3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG6464S265D3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG6464S202D3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
NOTES:
• Consult Factory for availability of Lead-Free products. (F = Lead-Free, G = RoHS Compliant)
• Product specific part numbers are available for source control if needed, please consult factory for the correct part number if a specific component vendor is preferred.
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3EG6464S263D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6464S262AD4 WEDC-W3EG6464S262AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S262BD4 WEDC-W3EG6464S262BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S265AD4 WEDC-W3EG6464S265AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3EG6464S265BD4 WEDC-W3EG6464S265BD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG6464S263D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S-D3 WEDC-W3EG6465S-D3 Datasheet
180Kb / 11P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com