Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6H-2FTR-5VDC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6H-2FTR-5VDC
Description  Low Profile, Miniature, Surface Mount Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6H-2FTR-5VDC Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6H-2FTR-5VDC Datasheet HTML 1Page - Omron Electronics LLC G6H-2FTR-5VDC Datasheet HTML 2Page - Omron Electronics LLC G6H-2FTR-5VDC Datasheet HTML 3Page - Omron Electronics LLC G6H-2FTR-5VDC Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Relay
G6H–2F
Low Profile, Miniature, Surface Mount
Relay
Ultra low profile only 5.2mm.
Can be soldered by VPS or IRS methods.
Impulse withstand voltage meets FCC and CCITT
rules.
Low power consumption, 140mW.
Available on tape for automatic insertion.
Ordering Information
Classification
Single-side stable
DPDT
Fully sealed
G6H-2F
Note:
1. When ordering, add the rated coil voltage to the model number.
Example: G6H-2F 12 VDC
2. When ordering tape packing, add ‘TR’ to the model number.
Example: G6H-2F TR 12 VDC
3. ‘TR’is not part of the relay model number, it is not marked on the relay case.
Rated coil voltage
Tape packing
Model Number Legend:
1.
Taped Version
TR:
Taped right
TL:
Taped left
2.
Rated Coil Voltage
5, 12, 24 VDC
G6H–2F
-
1
2
Specifications
Coil Ratings
Single-side Stable Types
Rated voltage
5 VDC
12 VDC
24 VDC
Rated current
28.1 mA
11.7 mA
8.3 mA
Coil resistance
178
1,028
2,880
Coil inductance
Armature OFF
0.065
0.43
1.2
(H) (ref. value)
Armature ON
0.058
0.37
1.0
Must operate voltage
75% max. of rated voltage
Must release voltage
10% min. of rated voltage
Max. voltage
200% of rated voltage at 23
_C, 150% at 70_C
170% of rated voltage at
23
_C, 130% at 70_C
Power consumption
Approx. 140 mW
Approx. 200 mW
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23
_C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
_C.
Contact Ratings
Load
Resistive load (cos
∅ = 1)
Rated load
0.5 A at 125 VAC; 1 A at 30 VDC
Contact material
Ag (Au-clad)
Rated carry current
1 A
Max. switching voltage
125 VAC, 110 VDC
Max. switching current
1 A
Max. switching capacity
62.5 VA, 33 W
Min. permissible load
10
µA at 10 mVDC


Similar Part No. - G6H-2FTR-5VDC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6H-2F OMRON-G6H-2F Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F OMRON-G6H-2F Datasheet
526Kb / 10P
   Low Signal Relay
G6H-2F OMRON-G6H-2F Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F-U12VDC OMRON-G6H-2F-U12VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2F-U24VDC OMRON-G6H-2F-U24VDC Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results

Similar Description - G6H-2FTR-5VDC

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
Panasonic Battery Group
TQ-SMD PANASONICBATTERY-TQ-SMD Datasheet
141Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
List of Unclassifed Man...
ACT9200 ETC-ACT9200 Datasheet
204Kb / 1P
   MINIATURE LOW PROFILE SURFACE MOUNT PACKAGE
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
STATEK CORPORATION
CX3SM STATEK-CX3SM_08 Datasheet
121Kb / 2P
   Low Profile Miniature Surface Mount Quartz Crystal
CXOM STATEK-CXOM Datasheet
230Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
STATEK CORPORATION
CXO STATEK-CXO Datasheet
89Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com