Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG6465S265D3 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3EG6465S265D3
Description  512MB - 64Mx64 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG6465S265D3 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3EG6465S265D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG6465S265D3 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
November 2005
Rev. 2
W3EG6465S-D3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND
RECOMMENDED AC OPERATING CONDITIONS (continued)
0°C ≤ TA ≤ +70°C; VCC = +2.5V ±0.2V, VCCQ = +2.5V ±0.2V
AC Characteristics
262
263/265
202
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Units
Notes
ACTIVE to READ or WRITE delay
tRCD
15
15
15
ns
PRECHARGE command period
tRP
15
15
15
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
19
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
ACTIVE bank a to ACTIVE bank b command
tRRD
15
15
15
ns
DQS write preamble
tWPRE
0.25
0.25
0.25
tCK
DQS write preamble setup time
tWPRES
0
0
0
ns
10,11
DQS write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
9
Write recovery time
tWR
15
15
15
ns
Internal WRITE to READ command delay
tWTR
111
tCK
Data valid output window
NA
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
13
REFRESH to REFRESH command interval
tREFC
70.3
70.3
70.3
μs
12
Average periodic refresh interval
tREFI
7.8
7.8
7.8
μs
12
Terminating voltage delay to VCC
tVTD
000
ns
Exit SELF REFRESH to non-READ command
tXSNR
75
75
75
ns
Exit SELF REFRESH to READ command
tXSRD
200
200
200
tCK


Similar Part No. - W3EG6465S265D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S265D4C WEDC-W3EG6465S265D4C Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - W3EG6465S265D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG6465S-D4 WEDC-W3EG6465S-D4 Datasheet
88Kb / 8P
   512MB- 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D3 WEDC-WV3EG64M64ETSU-D3 Datasheet
236Kb / 10P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
W3EG6464S-JD3 WEDC-W3EG6464S-JD3 Datasheet
293Kb / 12P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
W3EG6464S-AD4 WEDC-W3EG6464S-AD4 Datasheet
99Kb / 9P
   512MB - 64Mx64 DDR SDRAM UNBUFFERED w/PLL
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
W3DG6465V-D1 WEDC-W3DG6465V-D1 Datasheet
80Kb / 5P
   512MB- 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-AD1 WEDC-WED3DG6466V-AD1 Datasheet
137Kb / 7P
   512MB - 64Mx64 SDRAM UNBUFFERED
WED3DG6466V-D2 WEDC-WED3DG6466V-D2 Datasheet
147Kb / 9P
   512MB -64Mx64, SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com