Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7218S202BD4 Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3EG7218S202BD4
Description  128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7218S202BD4 Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3EG7218S202BD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 11Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 12Page - White Electronic Designs Corporation W3EG7218S202BD4 Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
November 2004
Rev. 1
PRELIMINARY
W3EG7218S-AD4
-BD4
33. Normal Output Drive Curves:
a. The full variation in driver pull-down current from minimum to maximum process,
temperature and voltage will lie within the outer bounding lines of the V-I curve
of Figure 8, Pull-Down Characteristics.
b. The variation in driver pull-down current within nominal limits of voltage and
temperature is expected, but not guaranteed, to lie within the inner bounding
lines of the V-I curve of Figure 8, Pull-Down Characteristics.
c. The full variation in driver pull-up current from minimum to maximum process,
temperature and voltage will lie within the outer bounding lines of the V-I curve
of Figure 9, Pull-Up Characteristics
d. The variation in driver pull-up current within nominal limits of voltage and
temperature is expected, but not guaranteed, to lie within the inner bounding
lines of the V-I curve of Figure 9, Pull-Up Characteristics.
e. The full variation in the ratio of the maximum to minimum pull-up and pull-down
current should be between 0.71 and 1.4, for device drain-to-source voltages
from 0.1V to 1.0V, and at the same voltage and temperature.
f. The full variation in the ratio of the nominal pull-up to pull-down current should
be unity ±10 percent, for device drain-to-source voltages from 0.1V to 1.0V.
34. The voltage levels used are derived from a mini-mum VCC level and the referenced
test load. In practice, the voltage levels obtained from a properly terminated bus will
provide significantly different voltage values.
35. VIH overshoot: VIH(MAX) = VCCQ + 1.5V for a pulse width !5 3ns and the pulse width
can not be greater than 1/3 of the cycle rate. VIL undershoot: VIL(MIN) = -1.5V for a
pulse width !5 3ns and the pulse width can not be greater than 1/3 of the cycle rate.
36. VCC and VCCQ must track each other.
37. tHZ (MAX) will prevail over tDQSCK (MAX) + tRPST (MAX) condition. tLZ (MIN) will
prevail over tDQSCK (MIN) + tRPRE (MAX) condition.
38. tRPST end point and tRPRE begin point are not referenced to a specific voltage level
but specify when the device output is no longer driving (tRPST), or begins driving
(tRPRE).
39. During initialization, VCCQ, VTT, and VREF must be equal to or less than VCC + 0.3V.
Alternatively, VTT may be 1.35V maximum during power up, even if VCC/VCCQ are
0Vs, provided a minimum of 42 0 of series resistance is used between the VTT
supply and the input pin.
40. The part operates below the slowest JEDEC operating frequency of 83 MHz. As
such, future die may not reflect this option.
41. Random addressing changing and 50 percent of data changing at every transfer.
42. Random addressing changing and 100 percent of data changing at every transfer.
43. CKE must be active (high) during the entire time a refresh command is executed.
That is, from the time the AUTO REFRESH command is registered, CKE must be
active at each rising clock edge, until tREF later.
44. IDD2N specifies the DQ, DQS, and DM to be driven to a valid high or low logic level.
IDD2Q is similar to IDD2F except IDD2Q specifies the address and control inputs to
remain stable. Although IDD2F, IDD2N, and IDD2Q are similar, IDD2F is “worst case.”
45. Whenever the operating frequency is altered, not including jitter, the DLL is required
to be reset. This is followed by 200 clock cycles.
46. Leakage number reflects the worst case leakage possible through the module pin,
not what each memory device contributes.
47. When an input signal is HIGH or LOW, it is defined as a steady state logic HIGH or
LOW.
48. The -335 speed grade will operate with tRAS (MIN) = 40ns and tRAS (MAX) =
120,000ns at any slower frequency.


Similar Part No. - W3EG7218S202BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-AJD3 WEDC-W3EG72125S-AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-JD3 WEDC-W3EG72125S-JD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202AJD3 WEDC-W3EG72125S202AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202D3 WEDC-W3EG72125S202D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG7218S202BD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3DG7217V-D2 WEDC-W3DG7217V-D2 Datasheet
127Kb / 6P
   128MB - 16Mx72 SDRAM UNBUFFERED
W3DG7216V-AD1 WEDC-W3DG7216V-AD1 Datasheet
115Kb / 6P
   128MB - 16Mx72 SDRAM, UNBUFFERED
W3DG7216V-D1 WEDC-W3DG7216V-D1 Datasheet
148Kb / 7P
   128MB - 16Mx72 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12UB8ALF ELPIDA-EBD12UB8ALF Datasheet
167Kb / 16P
   128MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3HG32M40SEU-PD4 WEDC-WV3HG32M40SEU-PD4 Datasheet
141Kb / 11P
   128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com