Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7232S-AD4 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG7232S-AD4
Description  256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7232S-AD4 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG7232S-AD4 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7232S-AD4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7232S-AD4
-BD4
August 2005
Rev. 4
PRELIMINARY
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Parameter
Symbol Conditions
DDR333@
CL=2.5
DDR266@
CL=2, 2.5
DDR200@
CL=2
Units
Max
Max
Max
Operating Current
IDD0
One device bank; Active - Precharge; (MIN); DQ,DM and
DQS inputs changing once per clock cycle; Address and
control inputs changing once every two cycles. TRC=TRC(MIN);
TCK=TCK
1400
1400
1400
mA
Operating Current
IDD1
One device bank; Active-Read-Precharge; Burst = 2;
TRC=TRC(MIN);TCK=TCK (MIN); Iout = 0mA; Address and
control inputs changing once per clock cycle.
1805
1805
1715
mA
Precharge Power-Down
Standby Current
IDD2P
All device banks idle; Power-down mode; TCK=TCK(MIN);
CKE=(low)
36
36
36
mA
Idle Standby Current
IDD2F
CS# = High; All device banks idle; TCK=TCK(MIN); CKE = high;
Address and other control inputs changing once per clock
cycle. VIN = VREF for DQ, DQS and DM.
725
725
680
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-down mode; TCK(MIN);
CKE=(low)
270
270
225
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device bank; Active-Precharge;
TRC=TRAS(MAX); TCK=TCK(MIN); DQ, DM and DQS inputs
changing twice per clock cycle; Address and other control
inputs changing once per clock cycle.
815
815
725
mA
Operating Current
IDD4R
Burst = 2; Reads; Continous burst; One device bank
active;Address andcontrol inputs changing once per clock
cycle; TCK=TCK(MIN); IOUT = 0mA.
1850
1850
1625
mA
Operating Current
IDD4W
Burst = 2; Writes; Continous burst; One device bank active;
Address and control inputs changing once per clock cycle;
TCK=TCK(MIN); DQ,DM and DQS inputs changing twice per
clock cycle.
1850
1850
1625
mA
Auto Refresh Current
IDD5
TRC=TRC(MIN)
2570
2570
2390
mA
Self Refresh Current
IDD6
CKE ≤ 0.2V
311
311
311
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4) with auto precharge with
TRC=TRC (MIN); TCK=TCK(MIN); Address and control inputs
change only during Active Read or Write commands
3965
3965
3425
mA


Similar Part No. - W3EG7232S-AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7234S-AJD3 WEDC-W3EG7234S-AJD3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-JD3 WEDC-W3EG7234S-JD3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S202AJD3 WEDC-W3EG7234S202AJD3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S202D3 WEDC-W3EG7234S202D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
More results

Similar Description - W3EG7232S-AD4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG7232S-JD3 WEDC-WED3EG7232S-JD3 Datasheet
190Kb / 12P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG6433S-AD4 WEDC-W3EG6433S-AD4 Datasheet
321Kb / 13P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
WV3EG6434S-BD4 WEDC-WV3EG6434S-BD4 Datasheet
254Kb / 10P
   256MB - 32Mx64 DDR SDRAM UNBUFFERED, w/PLL
W3DG7234V-D2 WEDC-W3DG7234V-D2 Datasheet
121Kb / 6P
   256MB- 32Mx72 SDRAM UNBUFFERED
W3DG7237V-D2 WEDC-W3DG7237V-D2 Datasheet
107Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7232V-AD1 WEDC-W3DG7232V-AD1 Datasheet
130Kb / 6P
   256MB - 32Mx72 SDRAM UNBUFFERED
W3DG7233V-D2 WEDC-W3DG7233V-D2 Datasheet
152Kb / 9P
   256MB - 32Mx72 SDRAM, REGISTER and SPD, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com