Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7235S-JD3 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3EG7235S-JD3
Description  256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7235S-JD3 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3EG7235S-JD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7235S-JD3 Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W3EG7235S-JD3
PRELIMINARY
November 2004
Rev. 2
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Includes DDR SDRAM Components Only
Parameter
Rank 1
Conditions
DDR266@CL = 2
Max
DDR266@CL = 2.5
Max
DDR200@CL = 2
Max
Units
Rank2
Stand By
State
Operating Current
IDD0
One device bank; Active = Precharge; tRC = tRC(MIN);
tCK = tCK(MIN); DQ,DM and DQS inputs changing
once per clock cycle; Address and control inputs
changing once every two cycles.
1890
1755
1755
mA
IDD3N
Operating Current
IDD1
One device bank; Active-Read-Precharge; Burst = 2;
tRC = tRC(MIN);tCK = tCK (MIN); Iout = 0mA; Address
and control inputs changing once per clock cycle.
1980
1890
1890
mA
IDD3N
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power- down mode; tCK =
tCK(MIN); CKE = (low)
54
54
54
mA
IDD2P
dle Standby Current
IDD2F
CS# = High; All device banks idle; tCK = tCK(MIN);
CKE = high; Address and other control inputs
changing once per clock cycle. VIN = VREF for DQ,
DQS and DM.
810
720
720
mA
IDD2F
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-down mode;
tCK(MIN); CKE = (low)
450
360
360
mA
IDD3P
Active Standby Current
IDD3N
CS# = High; CKE = High; One device bank; Active-
Precharge; tRC = tRAS(MAX); tCK = tCK(MIN); DQ,
DM and DQS inputs changing twice per clock cycle;
Address and other control inputs changing once per
clock cycle.
900
810
810
mA
IDD3N
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst; One device bank
active; Address and control inputs changing once per
clock cycle; tCK = tCK(MIN); IOUT = 0mA.
2070
1935
1935
mA
IDD3N
Operating Current
IDD4W
Burst = 2; Writes; Continous burst; One device bank
active; Address and control inputs changing once per
clock cycle; tCK = tCK(MIN); DQ,DM and DQS inputs
changing twice per clock cycle.
2025
1890
1890
mA
IDD3N
Auto Refresh Current
IDD5
tRC = tRC(MIN)
2880
2790
2790
mA
IDD3N
Self Refresh Current
IDD6
CKE
≤ 0.2V
54
36
36
mA
IDD6
Operating Current
IDD7A
Four bank interleaving Reads (BL = 4) with auto
precharge with tRC = tRC (MIN); tCK = tCK(MIN);
Address and control inputs change only during Active
Read or Write commands.
3870
3735
3735
mA
IDD3N


Similar Part No. - W3EG7235S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7232S-AD4 WEDC-W3EG7232S-AD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S-BD4 WEDC-W3EG7232S-BD4 Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202AD4-X WEDC-W3EG7232S202AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S202BD4-X WEDC-W3EG7232S202BD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7232S262AD4-X WEDC-W3EG7232S262AD4-X Datasheet
308Kb / 14P
   256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7235S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7236S-D3 WEDC-W3EG7236S-D3 Datasheet
172Kb / 12P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG7234S-D3 WEDC-W3EG7234S-D3 Datasheet
387Kb / 14P
   256MB - 32Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WED3EG7233S-D3 WEDC-WED3EG7233S-D3 Datasheet
307Kb / 11P
   256MB - 2x16Mx72 DDR SDRAM UNBUFFERED
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com