Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG4230048-H1SL Datasheet(PDF) 2 Page - DB Lectro Inc

Part # HG4230048-H1SL
Description  Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4230048-H1SL Datasheet(HTML) 2 Page - DB Lectro Inc

  HG4230048-H1SL Datasheet HTML 1Page - DB Lectro Inc HG4230048-H1SL Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HG4230
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimentions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1.
All parameters, unless otherwise specified, are measured at ambient temperature 23ºC.
2.
Custom-made services available with operational quantity. Please let us know your special requirements.
3.
Specifications subject to change without prior notice.
HG4230
2/2
ORDERING DESIGNATION
Example:
HG4230
012-
Z
1
C
L
Model
Coil Voltage Code
Contact Form
Version
1: Sealed; 2: Flux Free; 3: Dust Cover
Contact Material
Coil Sensitivity
Nil: Standard 0.45W; L: Sensitive 0.36W
Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO
H: 1 Form A; D: 1 Form B; Z: 1 Form C
DB LECTRO INC. 3600 Matte suite I Brossard J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714


Similar Part No. - HG4230048-H1SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4231A ETC-HG4231A Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4231A/012-D1AL ETC-HG4231A/012-D1AL Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4231A/012-D1CL ETC-HG4231A/012-D1CL Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4231A/012-D1SL ETC-HG4231A/012-D1SL Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results

Similar Description - HG4230048-H1SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4503 DBLECTRO-HG4503 Datasheet
56Kb / 2P
   Subminiature PCB Power Relay
logo
Picker Components
PC376 PICKER-PC376_17 Datasheet
474Kb / 2P
   Subminiature PCB Power Relay
PC435 PICKER-PC435_17 Datasheet
895Kb / 2P
   Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4183 DBLECTRO-HG4183 Datasheet
54Kb / 2P
   Subminiature PCB Power Relay
HG4233 DBLECTRO-HG4233 Datasheet
55Kb / 2P
   Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
   Automotive Subminiature PCB Power Relay
PC635 PICKER-PC635 Datasheet
187Kb / 2P
   Subminiature Automotive PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com