Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG7264S-JD3 Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W3EG7264S-JD3
Description  512MB - 64Mx72 DDR SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG7264S-JD3 Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W3EG7264S-JD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 9Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 10Page - White Electronic Designs Corporation W3EG7264S-JD3 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2005
Rev. 5
W3EG7264S-JD3-D3
PRELIMINARY
Not Recommended
For New
Designs
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20)
MAX
2.31
(0.091)
(2x)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
2.54
(0.100)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR JD3
* All Dimensions are in millimeters and (inches)
ORDERING INFORMATION FOR JD3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG7264S403JD3
200MHz/400Mb/s
3
3
3
30.48 (1.20")
W3EG7264S335JD3
166MHz/333Mb/s
2.5
3
3
30.48 (1.20")
W3EG7264S263JD3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG7264S265JD3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG7264S202JD3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
NOTES:
• Consult Factory for availability of Lead-Free products. (F = Lead-Free, G = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to
be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - W3EG7264S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
W3EG7264S-BD4 WEDC-W3EG7264S-BD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
More results

Similar Description - W3EG7264S-JD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
White Electronic Design...
WV3EG232M64STSU-D4 WEDC-WV3EG232M64STSU-D4 Datasheet
182Kb / 14P
   512MB - 2x32Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com