Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JA1210ML180A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JA1210ML180A
Description  Multilayer Ceramic Automotive Transient Voltage Suppressor Standard Capacity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JA1210ML180A Datasheet(HTML) 1 Page - DB Lectro Inc

  JA1210ML180A Datasheet HTML 1Page - DB Lectro Inc JA1210ML180A Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VARISTORS
Automotive Series
Multilayer Ceramic Automotive
Transient Voltage Suppressor
Standard Capaci ty
Specifications
Packagin g
Tape and Reel
T
7 inch reel (Note)
Material
Dimensions
T
a
W
L
Features
Thin layer, high precise techniques
Leadless, Surface chip form
Variety of energy ratings available
No temperature derating up to 125°C ambient
High surge current capacity
Stable protection level,mini. Leakage current
Inherent bidirectional clamping
Available with Nickel/Tin end termination
No plastic or epoxy coating assures better
than 94v-0 flammability rating
Applications
• Absorption of switching surge from
various kinds of relay、trumpet、motors and
electro-magnetic valves.
•Electrostatic discharge and spike noise
suppression.
•Protect the electronic systems such as
antilock brake systems 、direct ignition
systems 、engine control、airbag control
systems 、wiper motor control and
semiconductors of automobile.
Body:
Ceramic (ZnO)
Terminals:
Ni/Sn plated (code “P”)
Ag/Pt/Pd non plated
(code “N” on request)
Operating Temperatur e
-55 to +125°C
Solderabilit y
acc. to IEC 60068-2-58
235°C, 2s
Soldering Heat Resistanc e
260ºC, 10 sec. (IEC 60068-2-58)
280ºC, 5 sec. (IEC 60068-2-58)
Response Tim e
1-5ns
Temperatur e coefficient (
αV) of clamping
voltage (Vc) @ specified test current
<0.01%/°C
Power dissipation
1.0W max.
Standards
MIL-STD-750
Maximum Ratings (125°C)
Specifications (25°C)
Specificatio ns (25°C)
Type
max. cont.
working
voltage
Jump start
voltage max.
load dump
energy
(10 pulses)
max. clamping
voltage at spec.
current
nominal varistor
voltage at 10mA (DC)
test current
typ.
capacitance
typ.
inductance
(V)
(V)
(J)
(V@A)
(V)
(V)
(pF)
(pF)
(nH)
JA0805ML180A
JA1206ML180A
JA1210ML180A
JA1812ML180A
JA2220ML180A
JA2220ML380A
18
18
18
18
18
18
38
24.5
24.5
24.5
24.5
24.5
24.5
50.0
1.0
1.5
3.0
6.0
25.0
30.0
40 @
1. 5
40 @
1.5
40 @
1.5
40 @
5
40 @
10
77 @
10
23.0
23.0
23.0
23.0
23.0
48.5
32 .0
32 .0
32 .0
32 .0
32 .0
56,0
76 0
107 0
3 2 15
5300
1320
4720
0
650
9 00
270 0
4500
1100
4 0 00
1.5
1.8
1.8
2.5
3, 0
3, 0
Specifications are subject
to change without notice
Orde r
Qty.
Order-
Type
Terminal Code
Packaging
Information
Numbe r
JA0805 ML18 0
A
P
T
V
M(DC )
V
JUMP
W
LD
V
C
V
N(DC )min.
V
N(DC )max.
C typ.
C
typ.
L
typ.
(5minutes)
(8/20 µs)
1KHz
.
1MHz
.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - JA1210ML180A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JA125-27-200 ETC-JA125-27-200 Datasheet
1Mb / 17P
   Floating Joint
More results

Similar Description - JA1210ML180A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WT0603ML050L LITTELFUSE-WT0603ML050L Datasheet
83Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1210ML180A LITTELFUSE-WT1210ML180A Datasheet
80Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1812ML050A LITTELFUSE-WT1812ML050A Datasheet
98Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT0805ML030A LITTELFUSE-WT0805ML030A Datasheet
74Kb / 2P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
WT1206ML030A LITTELFUSE-WT1206ML030A Datasheet
97Kb / 3P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
JV2220ML050A DBLECTRO-JV2220ML050A Datasheet
152Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
Littelfuse
WT2220ML050A LITTELFUSE-WT2220ML050A Datasheet
115Kb / 4P
   Multilayer Ceramic Transient Voltage Suppressor Standard Capacity
logo
DB Lectro Inc
TVS0805SMD DBLECTRO-TVS0805SMD Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS0603SMD DBLECTRO-TVS0603SMD Datasheet
112Kb / 3P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS1206SMD DBLECTRO-TVS1206SMD Datasheet
221Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com