Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMX-94FAS60DC9V Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JMX-94FAS60DC9V
Description  Magnet latching relay Small size, light weight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JMX-94FAS60DC9V Datasheet(HTML) 1 Page - DB Lectro Inc

  JMX-94FAS60DC9V Datasheet HTML 1Page - DB Lectro Inc JMX-94FAS60DC9V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Magnet latching relay.
Small size, light weight.
High sensitivity & reliability.
Well anti-shock and anti-vibration.
Heavy contact load.
Ordering Information
JMX-94F
A
Z
60
DC12V
1
2
3
4
5
1 Part number:JMX-94F
2 Contact arrangement:A:1A;B:1B
3 Enclosure:S: Sealed type;Z: Dust cover
4 Contact Current:40:40A;60:60A;80:80A
5 Coil rated Voltage(V):DC: 9,12, 24
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC
Contact Material
Ag Cd O
Contact Rating(resistive)
80A/250VAC
60A/250VAC
40A/250VAC
Max. Switching Power
20000VA
15000VA
10000VA
Max. Switching Voltage
300VAC
Max. Switching Current:80A
Contact Resistance & Voltage drop
50m
(at 1A/24VDC)
Item 3.12 of IEC255-7
100mV (at rated load)
Item 3.12 of IEC255-7
Electrical
(Rated load)
10
4
Item 3.30 of IEC255-7
Operation life
Mechanical
(No load)
10
6
Item 3.31 of IEC255-7
Coil Parameter
DASH
NUMBERS
COIL
RATED
VOLTAGE
VDC
COIL
RESISTANCE
±10%
SWITCHING
VOLTAGE
VDC
(50%-70% of
rated voltage)
PULSE
MAGNITUDE
ms
COIL
POWER
consumption
W
Operate
Time
ms
Reset
Time
ms
009-1000
9
81
4.5~6.3
012-1000
12
144
6.0~8.4
024-1000
24
576
12.0~16.8
60
1
20
20
CAUTION: 1.When latching relays are installed in equipment, the latch and reset coil should not be pulsed simultaneously.
coil should not be pulsed with less than the nominal coil voltage and pulse width should be a minimum of three
times the specified operate time of the relay. If these conditions are not followed, it is possible for the relay to
be in the magnetically neutral position .
2.Switching voltage is for test purpose only and are no to be used as design criteria.
151
JMX- 94F
39
×30×17.5
CH0054070—2000
www.dblectro.com


Similar Part No. - JMX-94FAS60DC9V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94FAS60DC9V DBLECTRO-JMX-94FAS60DC9V Datasheet
2Mb / 3P
   Well anti-shock and anti-vibration
More results

Similar Description - JMX-94FAS60DC9V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
NV2R HUAXINAN-NV2R Datasheet
806Kb / 1P
   Small size, light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com