Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JZC-7F4099 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JZC-7F4099
Description  Small size, light weight, Low price. Low coil power consumption
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-7F4099 Datasheet(HTML) 2 Page - DB Lectro Inc

  JZC-7F4099 Datasheet HTML 1Page - DB Lectro Inc JZC-7F4099 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1000V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
12g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
Load
5A/277VAC 30VDC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Wiring diagram(Bottom views)
mm
>àçÇá
0.3
0.012
0.5
0.020
1.0
0.039
1.5
0.059
2.1
0.083
2.5
0.098
4.5
0.177
5.1
0.201
10.2
0.401
12.7
0.500
16.5
0.650
22
0.886
Dimensions
JZC-7F (N4099)
Mounting (Bottom views)
www.dblectro.com


Similar Part No. - JZC-7F4099

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZC-7FF ETC1-JZC-7FF Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031H ETC1-JZC-7FF0031H Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031HF ETC1-JZC-7FF0031HF Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031HS ETC1-JZC-7FF0031HS Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-7FF0031HSF ETC1-JZC-7FF0031HSF Datasheet
186Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - JZC-7F4099

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
N40992C HUAXINAN-N40992C Datasheet
502Kb / 1P
   Small size, light weight, Low price
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com