Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JV08CH470 Datasheet(PDF) 5 Page - DB Lectro Inc

Part # JV08CH470
Description  Surface Mount Metal Oxide Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JV08CH470 Datasheet(HTML) 5 Page - DB Lectro Inc

  JV08CH470 Datasheet HTML 1Page - DB Lectro Inc JV08CH470 Datasheet HTML 2Page - DB Lectro Inc JV08CH470 Datasheet HTML 3Page - DB Lectro Inc JV08CH470 Datasheet HTML 4Page - DB Lectro Inc JV08CH470 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Tape and Reel Specifications
◎Embossed Taping
Tape in accordance can be supplied to IEC publication 286-3
DIMENSIONS (mm)
Symbol
Type
A0
±0.1
B0
±0.1
W
±0.3
F
±0.1
E
±0.1
P1
±0.1
P2
±0.1
P0
±0.1
∮D0
+0.1
-0
T
Max.
T2
Max.
∮D1
Min.
08CH
5.5
8.5
16
7.5
1.75
8.0
2.0
4.0
1.5
1.0
3.0
1.5
K0Depth of Cavity: Dependent Chip Size to Minimize Rotation
Precautions to the user for CH-series Surface mount MOV:
1. Soldering recommendation:
Material: 62/36/2 Sn/Pb/Ag or equivalent
Reflow temperature/time: 230℃ max. /10 sec. max.
Flux: non-activated
2. When mounting surface mount varistor on the PC board, the improper soldering temperature and time
out of the limits may reduce the adhesive strength of their terminals.
3. Put the proper volume of solder(the height of fillet)on PC board for installing surface mount
varistors, because it directly affects the installed varistors. The design of copper pad patterns and
dimensions should be set, so that the proper volume of solder can provide.
4. Do not use solvents such as thinner and acetone, which dissolve or make the exterior covering of
varistor deteriorate. Ultrasonic cleaning shall be so set that the vibration can not travel the assembly
boards.
5. For surface mount CH series MOV, use flux with a halogen content of less than 0.2 wt. Do not use
strong acid flux.
6. Store varistors at temperature of –10 to +40℃ and relative humidity of less than 75﹪. Avoid storing
in environment of rapid changes in temperature, direct sunlight, corrosive, gas or dust, and store with
the varistors packaged.
A0
P1
D1
B0
D0
P0
P2
E
W
F
Top Tape
Direction of unreeling
T
K0
T2
JV 08CH SMD
VARISTORS
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - JV08CH470

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV0805ML030A DBLECTRO-JV0805ML030A Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV0805ML030L DBLECTRO-JV0805ML030L Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV0805ML050A DBLECTRO-JV0805ML050A Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV0805ML050L DBLECTRO-JV0805ML050L Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV0805ML090A DBLECTRO-JV0805ML090A Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results

Similar Description - JV08CH470

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NV73A1JT KOA-NV73A1JT Datasheet
288Kb / 8P
   Surface Mount Metal Oxide Varistors
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com