Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JV1812ML450A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JV1812ML450A
Description  VARISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JV1812ML450A Datasheet(HTML) 1 Page - DB Lectro Inc

  JV1812ML450A Datasheet HTML 1Page - DB Lectro Inc JV1812ML450A Datasheet HTML 2Page - DB Lectro Inc JV1812ML450A Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
T
-
0.071
-
1.80
a
0.010
0.030
0.25
0.75
L
0.163
0.191
4.15
4.85
W
0.114
0.138
2.90
3.50
VARISTORS
TVS 1812 SMD
Multilayer Ceramic Transient
Voltage Suppressor
Standard Capaci ty
Specifications
Packagin g
Tape and Reel
T
7 inch reel (1.000 pcs.)
Material
Dimensions
T
a
W
L
Features
Thin layer, high precise techniques
Lead free
Bi-directional clamping
Standard capacity
Available with Nickel/Tin end termin ation
Applications
Circuit board and ESD, EFT
Protection of:
I/O ports
Keyboards
LCD‘s
Sensors
Body:
Ceramic (ZnO)
Terminals:
Ni/Sn plated (code “P”)
Ag/Pt/Pd non plated
(code “N” on request)
Operating Temperatur e
-55 to +125°C
Solderabilit y
acc. to IEC 60068-2-58
235°C, 2s
Soldering Heat Resistanc e
260ºC, 10 sec. (IEC 60068-2-58)
280ºC, 5 sec. (IEC 60068-2-58)
Response Tim e
<0.5ns
Temperatur e coefficient (
αV) of clamping
voltage (Vc) @ specified test current
<0.01%/°C
Power dissipation
0.3W max.
Standards
IEC 61000-4-2
MIL-STD-883C
Maximum Ratings (125°C)
Specifications (25°C)
Type
max. cont.
working
voltage
max .
non-repetitive
surge current
max. clamping
voltage at spec.
current
nominal voltage
at 1mA (DC)
test current
typ.
capacitance
typ.
inductance
(V)
(V)
(A)
(J)
(V@A)
(V)
(V)
(pF)
(pF)
(nH)
JV1812ML050A
JV1812ML090A
JV1812ML120A
JV1812ML140A
JV1812ML180A
JV1812ML220A
JV1812ML260A
JV1812ML300A
JV1812ML380A
JV1812ML450A
JV1812ML560A
JV1812ML680A
JV1812ML850A
5, 5
9, 0
12,0
14,0
18,0
22,0
26,0
30,0
38,0
45,0
56,0
68,0
85,0
4, 0
6, 0
9, 0
11,0
14,0
17,0
20,0
25,0
30,0
35,0
40,0
50,0
60,0
500
500
800
800
800
800
800
800
800
500
500
400
400
0, 8
1, 0
1, 8
2, 0
2, 3
2, 5
3, 0
3, 6
4, 2
4, 5
4, 8
4, 5
5, 8
15,5 @ 10
25,0 @ 10
30,0 @ 10
33,0 @ 10
38,0 @ 10
44,0 @ 10
54,0 @ 10
65,0 @ 10
77,0 @ 10
90,0 @ 10
110,0 @
10
135,0 @
10
165,0 @
10
7, 1
10,0
14,0
16,0
22,0
24,3
29,5
35,0
42,3
50,0
61,2
74,0
91,0
9, 8
14,5
18,5
21,0
28,0
30,0
38,0
43,0
51,7
61,0
74,0
90,0
115,0
12900
710 0
650 0
441 0
400 0
367 0
267 0
232 0
196 0
137 0
95 0
59 0
53 0
11200
607 0
526 0
394 0
350 0
299 0
232 0
189 0
168 0
115 0
73 0
50 0
45 0
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
2, 5
Specifications are subject
to change without notice
Orde r
Qty.
Order-
Type
Terminal Code
Packaging
Information
Numbe r
JV 1 812 ML14 0
A
P
T
V
M(AC )
V
M(DC )
I
TM
W
TM
V
C
V
N(DC )min.
V
N (DC )max.
C typ.
C
typ.
L
typ.
(8/20 µs)
(8/20 µs)
max. non-repetitive
surge energy
(10/1000µs)
1KHz
.
1MHz
.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - JV1812ML450A

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JV1-100V NAIS-JV1-100V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
JV1-12V NAIS-JV1-12V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
JV1-18V NAIS-JV1-18V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
JV1-24V NAIS-JV1-24V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
JV1-48V NAIS-JV1-48V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
More results

Similar Description - JV1812ML450A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com