Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72125S262AJD3 Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3EG72125S262AJD3
Description  1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72125S262AJD3 Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3EG72125S262AJD3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72125S262AJD3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
W3EG72125S-D3
-JD3
-AJD3
November 2004
Rev. 2
PRELIMINARY
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
RCS1#
RCS0#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
DQS2
DQS1
DQS0
DQS7
DQS6
DQS5
DQS4
DQS3
DQS12
DQ60
DQ56
I/O 3
DQ59
DQ58
DQ57
I/O 1
I/O 0
I/O 2
DQ63
DQ62
DQ61
DQ51
DQ50
DQ49
DQ48
DQ43
DQ42
DQ41
DQ40
DQS
DM
DQS
DM
DQS
DM
I/O 1
I/O 0
I/O 3
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQ35
DQ34
DQ33
DQ32
DQ27
DQ26
DQ25
DQ24
DQS
DM
DQS
DM
I/O 1
I/O 0
I/O 3
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQS14
DQS15
DQS16
DQ55
DQ54
DQ53
DQ52
DQ47
DQ46
DQ45
DQ44
DQS13
DQ39
DQ38
DQ37
DQ36
DQ31
DQ30
DQ29
DQ28
I/O 3
I/O 2
I/O 0
I/O 1
DM
CS# DM
CS# DM
CS# DM
CS# DM
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
DQS
DQS
DQS
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
DQS
DQS
DQ2
I/O 1
DQ18
DQ16
DQ17
DQ19
DQ11
DQ10
DQ9
DQ8
DQ3
DQS
DM
DQS
DM
I/O 0
I/O 1
I/O 0
I/O 3
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQ1
DQ0
DM
DQS
I/O 2
I/O 3
DQ6
DQS10
DQS11
DQ7
DQ20
DQ21
DQ22
DQ23
DQ15
DQ14
DQ13
DQ12
DQ1
DQ2
DQS9
DQ5
DQ4
DM
CS# DM
DM
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 0
DQS
DQS
I/O 3
I/O 2
DQS
I/O 3
I/O 2
DQS
DM
CS#
I/O 0
I/O 1
DM
DQS
DM
DQS
DM
DQS
DM
DQS
CS# DM
DQS
CS# DM
DQS
CS# DM
DQS
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 0
I/O 1
I/O 3
I/O 2
I/O 0
I/O 1
I/O 3
DM
CS#
DM
CS#
DM
DM
CS#
DM
CS#
DM
DM
DM
DQS
I/O 1
I/O 0
I/O 2
I/O 3
I/O 2
I/O 1
I/O 0
DQS
I/O 3
DQS
I/O 1
I/O 0
I/O 3
I/O 2
DQS
I/O 1
I/O 0
I/O 3
I/O 2
DQS
I/O 3
I/O 1
I/O 0
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQS
DQS
I/O 1
I/O 0
I/O 3
I/O 2
DQS
I/O 2
I/O 3
I/O 1
I/O 0
VSS
DQS8
CS# DM
DQS
I/O 2
I/O 0
I/O 1
DQ57
DQ58
DQ59
I/O 3
DQ56
I/O 3
I/O 1
I/O 0
I/O 2
DQS
DM
CS#
DQS17
I/O 3
I/O 2
I/O 0
I/O 1
DQS
DQS
DM
I/O 1
I/O 0
I/O 2
I/O 3
DQ61
DQ62
DQ63
DQ60
DM
VSS
VREF
VCC/VCCQ
VCCSPD
DDR SDRAMs
SPD
RCS0#
RRAS#
RA0-RA12
RCKE0
RCAS#
RBA0,RBA1
RCS1#
RESET#
PCK#
PCK
A0-A12
WE#
CAS#
RAS#
BA0,BA1
CS0#
CKE0
R
E
I
G
E
R
T
S
RCKE1
RWE#
BA0,BA1: DDR SDRAMs
A0-A12: DDR SDRAMs
RAS#: DDR SDRAMs
CAS#: DDR SDRAMs
WE#: DDR SDRAMs
CKE: DDR SDRAMs
CKE: DDR SDRAMs
DDR SDRAMs
DDR SDRAMs
CS1
CKE1
A0
SA0
WP
SCL
A1
A2
SA1
SA2
U10
SDA
SERIAL PD
PLL
CK0
CK0#
REGISTER
SDRAM
Notes:
1.
DQ-to-I/O wiring is shown as recommended but may be changed.
2.
DQ/DQS/DM/CKE/S relationships must be maintained as shown.
NOTE: All resistor values are 22 ohms unless otherwise specified


Similar Part No. - W3EG72125S262AJD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72126MS100AJD3MF WEDC-W3EG72126MS100AJD3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3MG WEDC-W3EG72126MS100AJD3MG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SF WEDC-W3EG72126MS100AJD3SF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100AJD3SG WEDC-W3EG72126MS100AJD3SG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72126MS100D3MF WEDC-W3EG72126MS100D3MF Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72125S262AJD3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com