Electronic Components Datasheet Search |
|
W3EG64255MS100JD3SG Datasheet(PDF) 5 Page - White Electronic Designs Corporation |
|
W3EG64255MS100JD3SG Datasheet(HTML) 5 Page - White Electronic Designs Corporation |
5 / 13 page W3EG64255S-JD3 5 White Electronic Designs April 2005 Rev. 3 ADVANCED White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com IDD SPECIFICATIONS AND TEST CONDITIONS 0°C ≤ TA ≤ +70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V. Includes DDR SDRAM components only Parameter Symbol Rank 1 Conditions DDR333@CL=2.5 Max DDR266:@CL=2, 2.5 Max DDR200@CL=2 Max Units Rank 2 Standby State Operating Current IDD0 One device bank; Active - Precharge; tRC = tRC (MIN); tCK = tCK (MIN); DQ,DM and DQS inputs changing once per clock cycle; Address and control inputs changing once every two cycles. 4140 4140 3690 mA IDD3N Operating Current IDD1 One device bank; Active-Read- Precharge Burst = 2; tRC = tRC (MIN); tCK = tCK (MIN); lOUT = 0mA; Address and control inputs changing once per clock cycle. 4680 4680 4230 mA IDD3N Precharge Power- Down Standby Current IDD2P All device banks idle; Power-down mode; tCK = tCK (MIN); CKE = (low) 180 180 180 rnA IDD2P Idle Standby Current IDD2F CS# = High; All device banks idle; tCK = tCK (MIN); CKE = High; Address and other control inputs changing once per clock cycle. VIN = VREF for DQ, DQS and DM. 1620 1620 1440 mA IDD2F Active Power-Down Standby Current IDD3P One device bank active; Power-Down mode; tCK (MIN); CKE = (low) 1260 1260 1080 mA IDD3P Active Standby Current IDD3N CS# = High; CKE = High; One device bank; Active-Precharge;tRC = tRAS (MAX); tCK = tCK (MIN); DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing once per clock cycle. 1800 1800 1620 mA IDD3N Operating Current IDD4R Burst = 2; Reads; Continuous burst; One device bank active; Address and control inputs changing once per clock cycle; tCK = tCK (MIN); lOUT = 0mA. 4770 4770 4230 mA IDD3N Operating Current IDD4W Burst = 2; Writes; Continuous burst; One device bank active; Address and control inputs changing once per clock cycle; tCK = tCK (MIN); DQ,DM and DQS inputs changing once per clock cycle. 4590 4590 4050 rnA IDD3N Auto Refresh Current IDD5 tRC = tRC (MIN) 7020 7020 6660 mA IDD3N Self Refresh Current IDD6 CKE ≤ 0.2V 180 180 180 mA IDD6 Operating Current IDD7A Four bank interleaving Reads (BL=4) with auto precharge with tRC=tRC (MIN); tCK=tCK(MIN); Address and control inputs change only during Active Read or Write commands. 9090 9000 7920 mA IDD3N |
Similar Part No. - W3EG64255MS100JD3SG |
|
Similar Description - W3EG64255MS100JD3SG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |