Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72128S403D3 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG72128S403D3
Description  1GB - 2x64Mx72 DDR SDRAM UNBUFFERED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72128S403D3 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG72128S403D3 Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72128S403D3 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
W3EG72128S-D3
-JD3
May 2005
Rev. 3
ADVANCED
White Electronic Designs
IDD SPECIFICATIONS AND TEST CONDITIONS
VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V; DDR400: VCC = VCCQ = 2.6V ± 0.1V
Includes DDR SDRAM component only
Parameter
Symbol Conditions
DDR400@
CL=3
Max
DDR333@
CL=2.5
Max
DDR266@
CL=2
Max
DDR266@
CL=2.5
Max
DDR200@
CL=2
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge;
tRC=tRC (MIN); tCK=tCK (MIN); DQ,DM
and DQS inputs changing once per
clock cycle; Address and control
inputs changing once every two
cycles.
2475
2070
2070
2070
2070
mA
Operating Current
IDD1
One device bank; Active-Read-
Precharge Burst = 2; tRC=tRC (MIN);
tCK=tCK (MIN); lOUT = 0mA; Address
and control inputs changing once per
clock cycle.
2745
2340
2340
2340
2340
mA
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power-down
mode; tCK=tCK (MIN); CKE=(low)
90
90
90
90
90
rnA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK=tCK (MIN); CKE = high; Address
and other control inputs changing
once per clock cycle. VIN = VREF for
DQ, DQS and DM.
990
810
810
810
810
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-
Down mode; tCK (MIN); CKE=(low)
810
630
630
630
630
mA
Active Standby Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge; tRC=tRAS
(MAX); tCK=tCK (MIN); DQ, DM and
DQS inputs changing twice per clock
cycle; Address and other control
inputs changing once per clock cycle.
1080
900
900
900
900
mA
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst;
One device bank active; Address
and control inputs changing once
per clock cycle; TCK= TCK (MIN); lOUT
= 0mA.
2790
2385
2385
2385
2385
mA
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst;
One device bank active; Address
and control inputs changing once per
clock cycle; tCK=tCK (MIN); DQ,DM
and DQS inputs changing once per
clock cycle.
2835
2475
2475
2475
2475
rnA
Auto Refresh Current
IDD5
tRC = tRC (MIN)
4185
3510
3510
3510
3510
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
90
90
90
90
90
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4)
with auto precharge with tRC=tRC
(MIN); tCK=tCK (MIN); Address and
control inputs change only during
Active Read or Write commands.
5130
4545
4500
4500
4500
mA


Similar Part No. - W3EG72128S403D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S202AD4-XG WEDC-W3EG72128S202AD4-XG Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S202BD4-XG WEDC-W3EG72128S202BD4-XG Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S262AD4-XG WEDC-W3EG72128S262AD4-XG Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S262BD4-XG WEDC-W3EG72128S262BD4-XG Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
More results

Similar Description - W3EG72128S403D3

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG264M72EFSUXXXD4 WEDC-W3EG264M72EFSUXXXD4 Datasheet
197Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, FBGA
WV3EG265M72EFSU-D4 WEDC-WV3EG265M72EFSU-D4 Datasheet
171Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM, UNBUFFERED, PLL, FBGA
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
logo
Elpida Memory
EBD11UD8ABFB ELPIDA-EBD11UD8ABFB Datasheet
208Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG264M64EFSU-D4 WEDC-WV3EG264M64EFSU-D4 Datasheet
149Kb / 11P
   1GB - 2x64Mx64 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com