Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG64255MS100JD3GG Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W3EG64255MS100JD3GG
Description  2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG64255MS100JD3GG Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W3EG64255MS100JD3GG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG64255MS100JD3GG Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
W3EG64255S-JD3
7
White Electronic Designs
April 2005
Rev. 3
ADVANCED
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
IDD1 : OPERATING CURRENT: ONE BANK
1. Typical Case: VCC = 2.5V, T = 25°C
2. Worst Case: VCC = 2.7V, T = 10°C
3. Only one bank is accessed with tRC (min), Burst
Mode, Address and Control inputs on NOP edge are
changing once per clock cycle. lOUT = 0mA
4. Timing patterns
• DDR200 (100MHz, CL = 2) : tCK = 10ns, CL2, BL =
4, tRCD = 2*tCK, tRAg = 5*tCK
Read: A0 N R0 N N P0 N A0 N - repeat the same
timing with random address changing; 50% of data
changing at every burst
• DDR266 (133MHz, CL = 2.5) : tCK = 7.5ns, CL =
2.5, BL = 4, tRCD = 3*tCK, tRC = 9*tCK, tRAg = 5*tCK
Read: A0 N N R0 N P0 N N N A0 N - repeat the
same timing with random address changing; 50% of
data changing at every burst
• DDR266 (133MHz, CL = 2) : tCK = 7.5ns, CL = 2, BL
= 4, tRCD = 3*tCK, tRC = 9*tCK, tRAg = 5*tCK
Read: A0 N N R0 N P0 N N N A0 N - repeat the
same timing with random address changing; 50% of
data changing at every burst
• DDR333 (166MHz, CL = 2.5) : tCK = 6ns, BL = 4,
tRCD = 10*tCK, tRAg = 7*tCK
Read: A0 N N R0 N P0 N N N A0 N — repeat the
same timing with random address changing; 50% of
data changing at every burst
IDD7A: OPERATING CURRENT: FOUR BANKS
1. Typical Case: VCC = 2.5V, T = 25°C
2. Worst Case: VCC = 2.7V, T = 10°C
3. Four banks are being interleaved with tRC (min), Burst
Mode, Address and Control inputs on NOP edge are
not changing.
lout = 0mA
4. Timing patterns
• DDR200 (100MHz, CL = 2) : tCK = 10ns, CL2,
BL = 4, tRRD = 2*tCK, tRCD = 3*tCK, Read with
autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 A0 R3 A1 R0
- repeat the same timing with random address
changing; 100% of data changing at every burst
• DDR266 (133MHz, CL = 2.5) : tCK = 7.5ns, CL =
2.5, BL = 4, tRRD = 3*tCK, tRCD = 3*tCK Read with
autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1
R0 - repeat the same timing with random address
changing; 100% of data changing at every burst
• DDR266 (133MHz, CL = 2): tCK = 7.5ns, CL2 = 2,
BL = 4, tRRD = 2*tCK, tRCD = 3*tCK
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1
R0 - repeat the same timing with random address
changing; 100% of data changing at every burst
• DDR333 (166MHz, CL = 2.5) : tCK = 6ns, BL = 4,
tRRD = 3*tCK, tRCD = 3*tCK, Read with autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1
R0 - repeat the same timing with random address
changing; 100% of data changing at every burst
DETAILED TEST CONDITIONS FOR DDR SDRAM IDD1 & IDD7A
Legend: A = Activate, R = Read, W = Write, P = Precharge, N = NOP
A (0-3) = Activate Bank 0-3
R (0-3) = Read Bank 0-3


Similar Part No. - W3EG64255MS100JD3GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG64255MS100JD3GG WEDC-W3EG64255MS100JD3GG Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG64255MS100JD3GG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Elpida Memory
EBD21RD4ABNA ELPIDA-EBD21RD4ABNA Datasheet
177Kb / 19P
   2GB Registered DDR SDRAM DIMM
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com