Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1818-310-255-W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT1818-310-255-W
Description  Metallized Polyester Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1818-310-255-W Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT1818-310-255-W Datasheet HTML 1Page - Vishay Siliconix MKT1818-310-255-W Datasheet HTML 2Page - Vishay Siliconix MKT1818-310-255-W Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
41
MKT 1818
Vishay Roederstein
Document Number 26009
Revision 10-Jun-02
For technical questions, contact dc-film@vishay.com
CAPACITANCE CAPACITANCE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CODE
CODE 06
CODE 01
CODE 25
CODE 40
CODE 63*
63 VDC/
100 VDC/
250 VDC/
400 VDC/
630 VDC/
40 VAC
63 VAC
160 VAC
200 VAC
220 VAC
W
H
L
W
HL
W
H
L
W
HL
W
H
L
1000 pF
- 210
2.5
7.5
10.0
1500 pF
- 215
2.5
7.5
10.0
2200 pF
- 222
2.5
7.5
10.0
3300 pF
- 233
2.5
7.5
10.0
3.0
8.5
10.0
4700 pF
- 247
2.5
7.5
10.0
6800 pF
- 268
2.5
7.5
10.0
0.01
µF
- 310
2.5
7.5
10.0
3.0
8.5
10.0
0.015
µF
- 315
2.5
7.5
10.0
0.022
µF
- 322
2.5
7.5
10.0
3.0
8.5
10.0
0.033
µF
- 333
2.5
7.5
10.0
3.0
8.5
10.0
0.047
µF
- 347
2.5
7.5
10.0
4.0
9.0
10.0
0.068
µF
- 368
2.5
7.5
10.0
4.5
9.5
10.0
0.1
µF
- 410
2.5
7.5
10.0
3.0
8.5
10.0
5.0
10.5 10.3
0.15
µF
- 415
2.5
7.5
10.0
3.0
8.5
10.0
0.22
µF
- 422
3.0
8.5
10.0
4.0
9.0
10.0
0.33
µF
- 433
4.0
9.0
10.0
5.0
10.5 10.3
0.47
µF
- 447
4.5
9.5
10.0
5.7
11.5 10.3
0.68
µF
- 468
5.0
10.5 10.3
1.0
µF
- 510
5.7
11.5 10.3
Further values upon request.
*Not suitable for mains applications.
Please refer to X-capacitors in our catalog “RFI Suppression Components”.
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT (H)
REEL DIAMETER
ORDERING CODE
PCM
CODE
PACKAGING
(mm)
(mm)
EXAMPLE
7.5
D
AMMO
16.5
S*
MKT 1818-310-255-D
X
G
AMMO
18.5
S*
MKT 1818-310-255-G
X
F
REEL
16.5
350
MKT 1818-310-255-F
X
W
REEL
18.5
350
MKT 1818-310-255-W
X
BULK
MKT 1818-310-255
X
*S = box size 55 x 210 x 340mm (W x H x L)
Metallized Polyester, Related Document: IEC 60384-2, CECC 30 400


Similar Part No. - MKT1818-310-255-W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT1818-310-255-W

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com