Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1B6HAW Datasheet(PDF) 1 Page - DB Lectro Inc

Part # M1B6HAW
Description  DIL Pitch Terminals High Sensitivity Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

M1B6HAW Datasheet(HTML) 1 Page - DB Lectro Inc

  M1B6HAW Datasheet HTML 1Page - DB Lectro Inc M1B6HAW Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
DIL Pitch Terminals .High Sensitivity
g
Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VAC
g
Fully sealed (immersion cleaning).
High Reliability bifurcated Contact.
Application for Telecommunication Equipment
fOffice Equipmentf Security Alarm Systemsf Measuring instrumentsf
Medical Monitoring Equipment
fAudio Visual Equipmentf Flight SimulatorfSensor Controlg
Ordering Information
M1B
12
H
A
W
1
2
3
4
5
1 Part Mumber:M1B
3 Enclosure:H: Sealed Type
2 Coil Rated Voltage:DC:3:3V;5:5V;6:6V;9:9V;
4 Nominal Coil Power:Nil:0.55W;A:0.4W
12:12V;24:24V;48:48V
5 Contact Material:Nil: Ag Pd;W: Ag Ni
Contact Data
Contact Arrangement
2C
DPDT(B-M)
Bifurcated Crossbar
Contact Material
Ag Pd( Gold clad
>) Ag Ni(Gold clad
Contact Rating (resistive)
1A/24VDC; 0.5A/120VAC
Max. Switching Power
60W
125VA
Min. Switching load
0.01mA/10mV
Reference
Value
Max. Switching Voltage
220VDC
250VAC
Max. Switching Current:2A
Contact Resistance or Voltage
drop
50m
Item 3.12 of IEC255-7
Electrical
1A/24VDC
5
y105
Ag Alloy
1
y105
0.5A/120VAC
2
y105
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
8
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pick up voltage
VDC(max)
(70% of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil
power
W
Operate
Time
ms
Release
Time
ms
M1B-003
3
4.2
16
2.1
0.3
0.56
M1B-005
5
7.0
45
3.5
0.5
0.56
M1B-006
6
8.4
66
4.2
0.6
0.55
M1B-009
9
12.3
140
6.3
0.9
0.58
M1B-012
12
17.4
280
8.4
1.2
0.52
M1B-024
24
34.0
1070
16.8
2.4
0.54
M1B-048
48
64.9
3900
33.6
4.8
0.59
5
3
M1B-003A
3
4.9
22.5
2.1
0.3
0.4
M1B-005A
5
8.1
62.5
3.5
0.5
0.4
M1B-006A
6
9.7
90
4.2
0.6
0.4
M1B-009A
9
14.5
203
6.3
0.9
0.4
M1B-012A
12
19.4
360
8.4
1.2
0.4
M1B-024A
24
38.9
1440
16.8
2.4
0.4
M1B-048A
48
77.8
5760
33.6
4.8
0.4
5
3
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
35
E158859
M1 B
20.0
×9.8×11.0
www.dblectro.com


Similar Part No. - M1B6HAW

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
M1B HUAXINAN-M1B Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B-003 HUAXINAN-M1B-003 Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B-003A HUAXINAN-M1B-003A Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B-005 HUAXINAN-M1B-005 Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B-005A HUAXINAN-M1B-005A Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
More results

Similar Description - M1B6HAW

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
M4S DBLECTRO-M4S Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1BS DBLECTRO-M1BS Datasheet
143Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
logo
HuaXinAn Electronics CO...
M4 HUAXINAN-M4 Datasheet
365Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B HUAXINAN-M1B Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M4S HUAXINAN-M4S Datasheet
357Kb / 1P
   DIL Pitch Terminals .High Sensitivity
logo
Meder Electronic
DIL05-2A66-21M MEDER-DIL05-2A66-21M_11 Datasheet
83Kb / 2P
   DIL Reed Relay
DIL05-3A66-30L MEDER-DIL05-3A66-30L Datasheet
101Kb / 1P
   DIL Reed Relay
DIL12-2C90-63L MEDER-DIL12-2C90-63L Datasheet
136Kb / 1P
   DIL Reed Relay
DIL05-2A66-21R MEDER-DIL05-2A66-21R Datasheet
63Kb / 1P
   DIL Reed Relay
DIL12-1A66-15L MEDER-DIL12-1A66-15L Datasheet
113Kb / 2P
   DIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com