Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72255S202D3XG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # W3EG72255S202D3XG
Description  2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72255S202D3XG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  W3EG72255S202D3XG Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72255S202D3XG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
W3EG72255S-D3
-JD3
-AJD3
3
White Electronic Designs
November 2004
Rev. 2
PRELIMINARY
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
FUNCTIONAL BLOCK DIAGRAM
DQS2
DQS1
DQS0
DQS7
DQS6
DQS5
DQS4
DQS3
DQS12
DQ60
DQ56
I/O 3
DQ59
DQ58
DQ57
I/O 1
I/O 0
I/O 2
DQ63
DQ62
DQ61
DQ51
DQ50
DQ49
DQ48
DQ43
DQ42
DQ41
DQ40
DQS
DM
CS#
DQS
DM
CS#
DQS
DM
CS#
I/O 1
I/O 0
I/O 3
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQ35
DQ34
DQ33
DQ32
DQ27
DQ26
DQ25
DQ24
DQS
DM
CS#
DQS
DM
CS#
I/O 1
I/O 0
I/O 3
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQS14
DQS15
DQS16
DQ55
DQ54
DQ53
DQ52
DQ47
DQ46
DQ45
DQ44
DQS13
DQ39
DQ38
DQ37
DQ36
DQ31
DQ30
DQ29
DQ28
I/O 3
I/O 2
I/O 0
I/O 1
DM
DM
DM
DM
DM
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
DQS
DQS
DQS
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
DQS
DQS
DQ2
I/O 1
DQ18
DQ16
DQ17
DQ19
DQ11
DQ10
DQ9
DQ8
DQ3
DQS
DM
CS#
DQS
DM
CS#
I/O 0
I/O 1
I/O 0
I/O 3
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQ1
DQ0
CS#
DM
DQS
I/O 2
I/O 3
DQ6
DQS10
DQS11
DQ7
DQ20
DQ21
DQ22
DQ23
DQ15
DQ14
DQ13
DQ12
DQ1
DQ2
DQS9
DQ5
DQ4
DM
DM
DM
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
CS#
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 0
DQS
DQS
I/O 3
I/O 2
DQS
RCS0#
RCS1#
I/O 3
I/O 2
DQS
DM
CS#
I/O 0
I/O 1
CS#
DM
DQS
CS#
DM
DQS
CS#
DM
DQS
CS#
DM
DQS
CS#
DM
DQS
CS#
DM
DQS
CS#
DM
DQS
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 3
I/O 0
I/O 1
I/O 2
I/O 0
I/O 1
I/O 3
I/O 2
I/O 0
I/O 1
I/O 3
DM
DM
DM
DM
DM
DM
DM
DM
DQS
I/O 1
I/O 0
I/O 2
I/O 3
I/O 2
I/O 1
I/O 0
DQS
I/O 3
DQS
I/O 1
I/O 0
I/O 3
I/O 2
DQS
I/O 1
I/O 0
I/O 3
I/O 2
DQS
I/O 3
I/O 1
I/O 0
I/O 2
I/O 1
I/O 0
I/O 3
I/O 2
DQS
DQS
I/O 1
I/O 0
I/O 3
I/O 2
DQS
I/O 2
I/O 3
I/O 1
I/O 0
VSS
DQS8
CS#
DM
DQS
I/O 2
I/O 0
I/O 1
CB1
CB2
CB3
I/O 3
CB0
I/O 3
I/O 1
I/O 0
I/O 2
DQS
DM
CS#
DQS17
I/O 3
I/O 2
I/O 0
I/O 1
DQS
DQS
DM
I/O 1
I/O 0
I/O 2
I/O 3
CB5
CB6
CB7
CB4
DM
RCS0#
RRAS#
RA0-RA12
RCKE0
RCAS#
RBA0,RBA1
RCS1#
RESET#
PCK#
PCK
A0-A12
WE#
CAS#
RAS#
BA0,BA1
CS0#
CKE0
R
E
I
G
E
R
T
S
RCKE1
RWE#
BA0,BA1: DDR SDRAMs
A0-A12: DDR SDRAMs
RAS#: DDR SDRAMs
CAS#: DDR SDRAMs
WE#: DDR SDRAMs
CKE: DDR SDRAMs
CKE: DDR SDRAMs
CS1#
CKE1
A0
SA0
WP
SCL
A1
A2
SA1
SA2
SDA
SERIAL PD
PLL
CK0
CK0#
REGISTER
SDRAM
VSS
VREF
VCC/VCCQ
VCCSPD
DDR SDRAMs
SPD
DDR SDRAMs
DDR SDRAMs
Notes:
1.
DQ-to-I/O wiring is shown as recommended but may be changed.
2.
DQ/DQS/DM/CKE/S relationships must be maintained as shown.
NOTE: All resistor values are 22 ohms unless otherwise specified


Similar Part No. - W3EG72255S202D3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72256MS100AJD3MF WEDC-W3EG72256MS100AJD3MF Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS100AJD3MG WEDC-W3EG72256MS100AJD3MG Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS100AJD3SF WEDC-W3EG72256MS100AJD3SF Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS100AJD3SG WEDC-W3EG72256MS100AJD3SG Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS133AJD3MF WEDC-W3EG72256MS133AJD3MF Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72255S202D3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com