Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3HG128M64EEU-D4 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W3HG128M64EEU-D4
Description  1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG128M64EEU-D4 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W3HG128M64EEU-D4 Datasheet HTML 1Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 2Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 3Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 4Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 5Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 6Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 7Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 8Page - White Electronic Designs Corporation W3HG128M64EEU-D4 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
W3HG128M64EEU-D4
March 2006
Rev. 0
ADVANCED*
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
1GB – 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
DESCRIPTION
The W3HG128M64EEU is a 128Mx64 Double Data Rate
2 SDRAM memory module based on 1Gb DDR2 SDRAM
components. The module consists of eight 128Mx8, in
FBGA package mounted on a 200 pin SO-DIMM FR4
substrate.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
NOTE: Consult factory for availability of:
• Vendor source control options
• Industrial temperature option
FEATURES
200-pin, Small-Outline DIMM (SO-DIMM), Raw
Card "B"
Fast data transfer rates: PC2-6400*, PC2-5300*,
PC2-4200 and PC2-3200
Utilizes 800*, 667*, 533 and 400 Mb/s DDR2
SDRAM components
VCC = VCCQ = 1.8V ± 0.1V
VCCSPD = 1.7V to 3.6V
JEDEC standard 1.8V I/O (SSTL_18-compatible)
Differential data strobe (DQS, DQS#) option
Four-bit prefetch architecture
DLL to align DQ and DQS transitions with CK
Multiple internal device banks for concurrent
operation
Supports duplicate output strobe (RDQS/RDQS#)
Programmable CAS# latency (CL): 3, 4, 5* and 6*
Adjustable data-output drive strength
On-Die Termination (ODT)
Posted CAS# latency: 0, 1, 2, 3 and 4
Serial Presence Detect (SPD) with EEPROM
64ms: 8,192 cycle refresh
Gold edge contacts
Single Rank
RoHS Compliant
JEDEC Package option
• 200 Pin (SO-DIMM)
• PCB – 29.20mm (1.150") TYP
OPERATING FREQUENCIES
PC2-6400*
PC2-5300*
PC2-4200
PC2-3200
Clock Speed
400MHz
333MHz
266MHz
200MHz
CL-tRCD-tRP
6-6-6
5-5-5
4-4-4
3-3-3
* Consult factory for availability


Similar Part No. - W3HG128M64EEU-D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER403AD6XG WEDC-W3HG2128M72ACER403AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER534AD6XG WEDC-W3HG2128M72ACER534AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER665AD6XG WEDC-W3HG2128M72ACER665AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER806AD6XG WEDC-W3HG2128M72ACER806AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
More results

Similar Description - W3HG128M64EEU-D4

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com