Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72255S335JD3XG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3EG72255S335JD3XG
Description  2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72255S335JD3XG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3EG72255S335JD3XG Datasheet HTML 1Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72255S335JD3XG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
W3EG72255S-D3
-JD3
-AJD3
5
White Electronic Designs
November 2004
Rev. 2
PRELIMINARY
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ +70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V.
Includes DDR SDRAM components only
Parameter
Symbol
Rank 1
Conditions
DDR333@CL=2.5
Max
DDR266:@CL=2, 2.5
Max
DDR200@CL=2
Max
Units
Rank 2
Standby
State
Operating Current
IDD0
One device bank; Active - Precharge; tRC
= tRC (MIN); tCK = tCK (MIN); DQ,DM and
DQS inputs changing once per clock cycle;
Address and control inputs changing once
every two cycles.
4140
4140
4140
mA
IDD3N
Operating Current
IDD1
One device bank; Active-Read-Precharge
Burst = 2; tRC = tRC (MIN); tCK = tCK (MIN);
lOUT = 0mA; Address and control inputs
changing once per clock cycle.
4680
4680
4680
mA
IDD3N
Precharge Power-
Down Standby Current
IDD2P
All device banks idle; Power-down mode;
tCK = tCK (MIN); CKE = (low)
180
180
180
rnA
IDD2P
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK = tCK (MIN); CKE = High; Address
and other control inputs changing once
per clock cycle. VIN = VREF for DQ, DQS
and DM.
1620
1620
1620
mA
IDD2F
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down
mode; tCK (MIN); CKE = (low)
1260
1260
1260
mA
IDD3P
Active Standby Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge;tRC = tRAS (MAX);
tCK = tCK (MIN); DQ, DM and DQS inputs
changing twice per clock cycle; Address
and other control inputs changing once per
clock cycle.
1800
1800
1800
mA
IDD3N
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst; One
device bank active; Address and control
inputs changing once per clock cycle; tCK =
tCK (MIN); lOUT = 0mA.
4770
4770
4770
mA
IDD3N
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst; One
device bank active; Address and control
inputs changing once per clock cycle;
tCK = tCK (MIN); DQ,DM and DQS inputs
changing once per clock cycle.
4590
4590
4590
rnA
IDD3N
Auto Refresh Current
IDD5
tRC = tRC (MIN)
7020
7020
7020
mA
IDD3N
Self Refresh Current
IDD6
CKE
≤ 0.2V
180
180
180
mA
IDD6
Operating Current
IDD7A
Four bank interleaving Reads (BL=4)
with auto precharge with tRC=tRC (MIN);
tCK=tCK(MIN); Address and control inputs
change only during Active Read or Write
commands.
9090
9000
9000
mA
IDD3N


Similar Part No. - W3EG72255S335JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72256MS100AJD3MF WEDC-W3EG72256MS100AJD3MF Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS100AJD3MG WEDC-W3EG72256MS100AJD3MG Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS100AJD3SF WEDC-W3EG72256MS100AJD3SF Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS100AJD3SG WEDC-W3EG72256MS100AJD3SG Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72256MS133AJD3MF WEDC-W3EG72256MS133AJD3MF Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72255S335JD3XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG72256S-JD3 WEDC-W3EG72256S-JD3 Datasheet
307Kb / 14P
   2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com