Electronic Components Datasheet Search |
|
W3EG72256S202JD3 Datasheet(PDF) 4 Page - White Electronic Designs Corporation |
|
W3EG72256S202JD3 Datasheet(HTML) 4 Page - White Electronic Designs Corporation |
4 / 14 page White Electronic Designs W3EG72256S-JD3 -AJD3 4 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com December 2004 Rev. 2 PRELIMINARY Parameter Symbol Value Units Voltage on any pin relative to VSS VIN, VOUT -0.5 to 3.6 V Voltage on VCC supply relative to VSS VCC, VCCQ -1.0 to 3.6 V Storage Temperature TSTG -55 to +150 °C Power Dissipation PD 27 W Short Circuit Current IOS 50 mA Note: Permanent device damage may occur if ‘ABSOLUTE MAXIMUM RATINGS’ are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability ABSOLUTE MAXIMUM RATINGS DC CHARACTERISTICS 0°C ≤ TA ≤ 70°C, VCC = 2.5V ± 0.2V Parameter Symbol Min Max Unit Supply Voltage VCC 2.3 2.7 V Supply Voltage VCCQ 2.3 2.7 V Reference Voltage VREF 1.15 1.35 V Termination Voltage VTT 1.15 1.35 V Input High Voltage VIH VREF + 0.15 VCCQ + 0.3 V Input Low Voltage VIL -0.3 VREF - 0.15 V Output High Voltage VOH VTT + 0.76 — V Output Low Voltage VOL —VTT-0.76 V CAPACITANCE TA = 25°C. f = 1MHz, VCC = 2.5V ± 0.2V Parameter Symbol Max Unit Input Capacitance (A0-A13) CIN1 6.25 pF Input Capacitance (RAS#,CAS#,WE#) CIN2 6.25 pF Input Capacitance (CKE0) CIN3 6.25 pF Input Capacitance (CK0#,CK0) CIN4 5.5 pF Input Capacitance (CS0#) CIN5 6.25 pF Input Capacitance (DQM0-DQM8) CIN6 13 pF Input Capacitance (BA0-BA1) CIN7 6.25 pF Data input/output capacitance (DQ0-DQ63)(DQS) COUT 13 pF Data input/output capacitance (CB0-CB7) COUT 13 pF |
Similar Part No. - W3EG72256S202JD3 |
|
Similar Description - W3EG72256S202JD3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |