Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3HG128M64EEU665D4XXG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3HG128M64EEU665D4XXG
Description  1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG128M64EEU665D4XXG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3HG128M64EEU665D4XXG Datasheet HTML 1Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 2Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 3Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 4Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG128M64EEU665D4XXG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
W3HG128M64EEU-D4
March 2006
Rev. 0
ADVANCED
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
DDR2 ICC SPECIFICATIONS AND CONDITIONS
DDR2 SDRAM components only
VCC = +1.8V ± 0.1V
Parameter
Symbol Condition
806
665
534
403
Units
Operating one device
bank active-precharge
current;
ICC0
tCK = tCK (ICC), tRC = tRC (ICC), tRAS = tRAS MIN (ICC); CKE is HIGH, CS# is
HIGH between valid commands; Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING.
TBD
800
640
640
mA
Operating one device
bank active-read-
precharge current;
ICC1
IOUT = 0mA; BL = 4, CL = CL(ICC), AL = 0; tCK = tCK (ICC), tRC = tRC (ICC),
tRAS = tRAS MIN (ICC), tRCD = tRCD (ICC); CKE is HIGH, CS# is HIGH
between valid commands; Address bus inputs are SWITCHING; Data
pattern is same as ICC4W.
TBD
1,160
760
760
mA
Precharge power-down
current;
ICC2P
All device banks idle; tCK = tCK (ICC); CKE is LOW; Other control and
address bus inputs are STABLE; Data bus inputs are FLOATING.
TBD
56
40
40
mA
Precharge quiet
standby current;
ICC2Q
All device banks idle; tCK = tCK (ICC); CKE is HIGH, CS# is HIGH; Other
control and address bus inputs are STABLE; Data bus inputs are
FLOATING.
TBD
480
328
280
mA
Precharge standby
current;
ICC2N
All device banks idle; tCK = tCK (ICC); CKE is HIGH, CS# is HIGH; Other
control and address bus inputs are SWITCHING; Data bus inputs are
SWITCHING.
TBD
520
360
280
mA
Active power-down
current;
ICC3P
All device banks open; tCK = tCK (ICC); CKE is LOW;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING.
Fast PDN Exit
MR[12] = 0
TBD
320
240
200
mA
Slow PDN Exit
MR[12] = 1
TBD
80
80
80
mA
Active standby current;
ICC3N
All device banks open; tCK = tCK(ICC), tRAS = tRAS MAX (ICC), tRP = tRP(ICC);
CKE is HIGH, CS# is HIGH between valid commands; Other control and
address bus inputs are SWITCHING; Data bus inputs are SWITCHING.
TBD
560
400
320
mA
Operating burst write
current;
ICC4W
All device banks open, Continuous burst writes; BL = 4, CL = CL (ICC),
AL = 0; tCK = tCK (ICC), tRAS = tRAS MAX (ICC), tRP = tRP (ICC); CKE is
HIGH, CS# is HIGH between valid commands; Address bus inputs are
SWITCHING; Data bus inputs are SWITCHING.
TBD
1,440
1,040
960
mA
Operating burst read
current;
ICC4R
All device banks open, Continuous burst reads, IOUT = 0mA; BL = 4, CL
= CL (ICC), AL = 0; tCK = tCK (ICC), tRAS = tRAS MAX (ICC), tRP = tRP (ICC);
CKE is HIGH, CS# is HIGH between valid commands; Address bus
inputs are SWITCHING; Data bus inputs are SWITCHING.
TBD
1,640
1,160
1,080
mA
Burst refresh current;
ICC5
tCK = tCK (ICC); Refresh command at every tRFC (ICC) interval; CKE
is HIGH, CS# is HIGH between valid commands; Other control and
address bus inputs are SWITCHING; Data bus inputs are SWITCHING.
TBD
2,160
2,000
1,920
mA
Self refresh current;
ICC6
CK and CK# at 0V; CKE ≤ 0.2V; Other control and address bus inputs
are FLOATING; Data bus inputs are FLOATING.
TBD
56
40
40
mA
Operating device bank
interleave read current;
ICC7
All device banks interleaving reads, IOUT= 0mA; BL = 4, CL = CL (ICC),
AL = tRCD (ICC)-1 x tCK (ICC); tCK = tCK (ICC), tRC = tRC(ICC), tRRD = tRRD(ICC),
tRCD = tRCD(ICC); CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are STABLE during DESELECTs; Data bus inputs
are SWITCHING
TBD
2,720
2,360
2,360
mA
Note:
• ICC specification is based on MICRON components. Other DRAM manufacturers specification may be different.


Similar Part No. - W3HG128M64EEU665D4XXG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER403AD6XG WEDC-W3HG2128M72ACER403AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER534AD6XG WEDC-W3HG2128M72ACER534AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER665AD6XG WEDC-W3HG2128M72ACER665AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3HG2128M72ACER806AD6XG WEDC-W3HG2128M72ACER806AD6XG Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
More results

Similar Description - W3HG128M64EEU665D4XXG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWB ELPIDA-EBE10UE8ACWB Datasheet
239Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com