Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3HG2128M72ACER665AD6XG Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # W3HG2128M72ACER665AD6XG
Description  2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3HG2128M72ACER665AD6XG Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button W3HG2128M72ACER665AD6XG Datasheet HTML 4Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 5Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 6Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 7Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 8Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 9Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 10Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 11Page - White Electronic Designs Corporation W3HG2128M72ACER665AD6XG Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
W3HG2128M72ACER-AD6
PRELIMINARY
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2006
Rev. 5
AC TIMING PARAMETERS (Continued)
0°C ≤ TCASE < +85°C; VCCQ = + 1.8V ± 0.1V, VCC = +1.8V ± 0.1V
AC CHARACTERISTICS
806
665
534
403
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Notes
Refresh to Active or Refresh to
Refresh command interval
tRFC (2GB)
TBD
TBD
105
70,000
105
70,000
105
70,000
ns
14
tRFC (4GB)
TBD
TBD
127.5
70,000
127.5
70,000
127.5
70,000
ns
14
Average periodic refresh
interval
tREFI
TBD
TBD
200
7.8
7.8
7.8
µs
14
Exit self refresh to non-read
command
tXSNR
TBD
TBD
tRFC
(MIN)
+10
tRFC
(MIN)
+10
tRFC
(MIN)
+10
ns
Exit self refresh to read
command
tXSRD
TBD
TBD
200
200
200
tCK
Exit self refresh timing
reference
tISXR
TBD
TBD
tIS
tIS
tIS
ps
6, 29
ODT turn-on delay
tAOND
TBD
TBD
222222
tCK
ODT turn-on
tAON
TBD
TBD
tAC(MIN)
tAC(MAX)
+700
tAC(MIN)
tAC(MAX)
+1,000
tAC(MIN)
tAC(MAX)
+1,000
ps
25
ODT turn-off delay
tAOFD
TBD
TBD
2.5
2.5
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
TBD
TBD
tAC(MIN)
tAC(MAX)
+600
tAC(MIN)
tAC(MAX)
+600
tAC(MIN)
tAC(MAX)
+600
ps
26
ODT turn-on (power-down
mode)
tAONPD
TBD
TBD
tAC(MIN)
+2,000
2x tCK +
tAC (MAX)
+ 1,000
tAC(MIN)
+2,000
2x tCK +
tAC (MAX)
+ 1,000
tAC(MIN)
+2,000
2x tCK +
tAC (MAX)
+ 1,000
ps
ODT turn-off (power-down
mode)
tAOFPD
TBD
TBD
tAC(MIN)
+2,000
2x tCK +
tAC (MAX)
+ 1,000
tAC(MIN)
+2,000
2x tCK +
tAC (MAX)
+ 1,000
tAC(MIN)
+2,000
2x tCK +
tAC (MAX)
+ 1,000
tCK
ODT to power-down entry
latency
tANPD
TBD
TBD
333
tCK
ODT power-down exit latency
tAXPD
TBD
TBD
888
tCK
Exit active power-down to
READ command, MR[bit12=0]
tXARD
TBD
TBD
222
tCK
Exit active power-down to
READ command, MR[bit12=1]
tXARDS
TBD
TBD
7-AL
6-AL
6-AL
tCK
Exit precharge power-down to
any non-READ command.
tXP
TBD
TBD
222
tCK
CKE minimum high/low time
tCKE
TBD
TBD
333
tCK
34
NOTE:
• AC specification is based on MICRON components. Other DRAM manufactures specification may be different.


Similar Part No. - W3HG2128M72ACER665AD6XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER403AD7XG WEDC-W3HG264M72EER403AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER534AD7XG WEDC-W3HG264M72EER534AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER665AD7XG WEDC-W3HG264M72EER665AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER806AD7XG WEDC-W3HG264M72EER806AD7XG Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
More results

Similar Description - W3HG2128M72ACER665AD6XG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3DG72256V-AD2 WEDC-WV3DG72256V-AD2 Datasheet
253Kb / 9P
   2GB - 2x128Mx72 SDRAM, REGISTERED
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
logo
Elpida Memory
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
White Electronic Design...
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com