Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W82M32V-XBX Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W82M32V-XBX
Description  2Mx32 SRAM 3.3V MULTI-CHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W82M32V-XBX Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  W82M32V-XBX Datasheet HTML 1Page - White Electronic Designs Corporation W82M32V-XBX Datasheet HTML 2Page - White Electronic Designs Corporation W82M32V-XBX Datasheet HTML 3Page - White Electronic Designs Corporation W82M32V-XBX Datasheet HTML 4Page - White Electronic Designs Corporation W82M32V-XBX Datasheet HTML 5Page - White Electronic Designs Corporation W82M32V-XBX Datasheet HTML 6Page - White Electronic Designs Corporation W82M32V-XBX Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W82M32V-XBX
April, 2006
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Document Title
2M x 32 Asynchronous SRAM
Revision History
Rev # History
Release Date
Status
Rev 0 Initial Release
July 2002
Advanced
Rev 1 Changes
October 2002
Advanced
1.1 Add AC/DC Electricals & Timing Diagrams (Pg. 1-7)
1.2 Change Pinout to full 255 (16x16) array
1.3 Change Package Dimension to full 255 (16x16) array
Rev 2 Changes (Pg.1,5,6,7)
May 2002
Advanced
2.1 Change package dimension from 27mm square to 25mm square
2.2 Change package height from 2.20mm to 2.70mm Max
Rev 3 Changes (Pg.1,5,7)
November 2003
Advanced
3.1 Change package mechanical drawing to new format.
Rev 4 Changes (Pg.1,7)
May 2004
Preliminary
4.1 Change status to preliminary.
Rev 5 Changes (Pg. 1, 7)
April 2006
Final
5.1 Change status to Final


Similar Part No. - W82M32V-XBX

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W820 LUMINIS-W820 Datasheet
110Kb / 2P
   Post top mount
logo
Winbond
W82C610 WINBOND-W82C610 Datasheet
54Kb / 6P
   MONITOR SOFTWARE OSD IC
More results

Similar Description - W82M32V-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
WEDPS512K32-XBX WEDC-WEDPS512K32-XBX Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2580AASB TOSHIBA-TH50VSF2580AASB Datasheet
546Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2582 TOSHIBA-TH50VSF2582 Datasheet
548Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
   Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
logo
White Electronic Design...
W72M64VK-XBX WEDC-W72M64VK-XBX Datasheet
555Kb / 16P
   2Mx64 3.3V Simultaneous Operation Flash Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com