Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W332M64V-XBX Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W332M64V-XBX
Description  32Mx64 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W332M64V-XBX Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W332M64V-XBX Datasheet HTML 3Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 4Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 5Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 6Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 7Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 8Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 9Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 10Page - White Electronic Designs Corporation W332M64V-XBX Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W332M64V-XBX
February 2005
Rev. 0
TRUTH TABLE - COMMANDS AND DQM OPERATION (NOTE 1)
NAME (FUNCTION)
CS#
RAS#
CAS#
WE#
DQM
ADDR
I/Os
COMMAND INHIBIT (NOP)
H
X
X
X
X
X
X
NO OPERATION (NOP)
L
H
H
H
X
X
X
ACTIVE (Select bank and activate row) ( 3)
L
L
H
H
X
Bank/Row
X
READ (Select bank and column, and start READ burst) (4)
L
H
L
H
L/H 8
Bank/Col
X
WRITE (Select bank and column, and start WRITE burst) (4)
L
H
L
L
L/H 8
Bank/Col
Valid
BURST TERMINATE
L
H
H
L
X
X
Active
PRECHARGE (Deactivate row in bank or banks) ( 5)
L
L
H
L
X
Code
X
AUTO REFRESH or SELF REFRESH (Enter self refresh mode) (6, 7)
L
L
L
H
X
X
X
LOAD MODE REGISTER (2)
L
L
L
L
X
Op-Code
X
Write Enable/Output Enable (8)
––––
L
Active
Write Inhibit/Output High-Z (8)
––––
H
High-Z
command can only be issued when all banks are idle, and
a subsequent executable command cannot be issued until
tMRD is met.
ACTIVE
The ACTIVE command is used to open (or activate) a
row in a particular bank for a subsequent access. The
value on the BA0, BA1 inputs selects the bank, and the
address provided on inputs A0-12 selects the row. This row
remains active (or open) for accesses until a PRECHARGE
command is issued to that bank. A PRECHARGE
command must be issued before opening a different row
in the same bank.
READ
The READ command is used to initiate a burst read
access to an active row. The value on the BA0, BA1 inputs
selects the bank, and the address provided on inputs A0-9
selects the starting column location. The value on input
A10 determines whether or not AUTO PRECHARGE is
used. If AUTO PRECHARGE is selected, the row being
accessed will be precharged at the end of the READ
burst; if AUTO PRECHARGE is not selected, the row will
remain open for subsequent accesses. Read data appears
on the I/Os subject to the logic level on the DQM inputs
COMMANDS
The Truth Table provides a quick reference of available
commands. This is followed by a written description of each
command. Three additional Truth Tables appear following
the Operation section; these tables provide current state/
next state information.
COMMAND INHIBIT
The COMMAND INHIBIT function prevents new commands
from being executed by the SDRAM, regardless of whether
the CLK signal is enabled. The SDRAM is effectively
deselected. Operations already in progress are not
affected.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to perform
a NOP to an SDRAM which is selected (CS# is LOW).
This prevents unwanted commands from being registered
during idle or wait states. Operations already in progress
are not affected.
LOAD MODE REGISTER
The Mode Register is loaded via inputs A0-11 (A12
should be driven low). See Mode Register heading in the
Register Definition section. The LOAD MODE REGISTER
NOTES:
1.
CKE is HIGH for all commands shown except SELF REFRESH.
2.
A0-11 define the op-code written to the Mode Register and A12 should be driven
low.
3.
A0-12 provide row address, and BA0, BA1 determine which bank is made active.
4.
A0-9 provide column address; A10 HIGH enables the auto precharge feature
(nonpersistent), while A10 LOW disables the auto precharge feature; BA0, BA1
determine which bank is being read from or written to.
5.
A10 LOW: BA0, BA1 determine the bank being precharged. A10 HIGH: All banks
precharged and BA0, BA1 are “Don’t Care.”
6.
This command is AUTO REFRESH if CKE is HIGH; SELF REFRESH if CKE is
LOW.
7.
Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t
Care” except for CKE.
8.
Activates or deactivates the I/Os during WRITEs (zero-clock delay) and READs
(two-clock delay).


Similar Part No. - W332M64V-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M64V-XSBX WEDC-W332M64V-XSBX Datasheet
303Kb / 15P
   32Mx64 Synchronous DRAM
More results

Similar Description - W332M64V-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M64V-XSBX WEDC-W332M64V-XSBX Datasheet
303Kb / 15P
   32Mx64 Synchronous DRAM
logo
DLG Hanbit co.,Ltd.
HSD32M64B8W DLGHANBIT-HSD32M64B8W Datasheet
539Kb / 9P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SODIMM, 4Banks, 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M64B8W HANBIT-HSD32M64B8W Datasheet
88Kb / 11P
   Synchronous DRAM Module 256Mbyte(32Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com