Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7MG1M32SVX70BNI Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W7MG1M32SVX70BNI
Description  8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W7MG1M32SVX70BNI Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W7MG1M32SVX70BNI Datasheet HTML 2Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 3Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 4Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 5Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 6Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 7Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 8Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 9Page - White Electronic Designs Corporation W7MG1M32SVX70BNI Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W7MG1M32SVx-BN
W7MG21M32SVx-BN
May 2004
Rev. 2
PRELIMINARY
ORDERING INFORMATION FOR W7MG1M32SVx
PACKAGE NO. 346: 80 PIN SIMM (JEDEC)
J1
J3
153
1.57
(0.062) R
1.57 (0.062) R
21.59
(0.850)
MAX
118.24
(4.655) MAX.
111.35
(4.384)
6.35
(0.250)
57.02
(2.245)
55.68
(2.192)
10.16
(0.400)
105.41
(4.150)
1.27
(0.050) TYP
6.35 (0.250)
3.05
(0.120)
MAX
3.18
(0.125)
MIN
R3
R1
COMMERCIAL
Part Number
Speed (ns)
Package
TA Commercial Range
Height*
W7MG1M32SVx70BNC
70
346
0°C to +70°C
21.59 (0.850")
W7MG1M32SVx90BNC
90
346
0°C to +70°C
21.59 (0.850")
W7MG1M32SVx120BNC
120
346
0°C to +70°C
21.59 (0.850")
INDUSTRIAL
Part Number
Speed (ns)
Package
TA Industrial Range
Height*
W7MG1M32SVx70BNI
70
346
-40°C to +85°C
21.59 (0.850")
W7MG1M32SVx90BNI
90
346
-40°C to +85°C
21.59 (0.850")
W7MG1M32SVx120BNI
120
346
-40°C to +85°C
21.59 (0.850")
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)


Similar Description - W7MG1M32SVX70BNI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com