Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78M32V120BI Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W78M32V120BI
Description  8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W78M32V120BI Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W78M32V120BI Datasheet HTML 1Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 2Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 3Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 4Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 5Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 6Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 7Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 8Page - White Electronic Designs Corporation W78M32V120BI Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W78M32V-XBX
April 2006
Rev. 3
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
equivalent to tPACC. When CS# is deasserted (CS#=VIH),
the reassertion of CS# for subsequent access has access
time of tACC or tCS. Here again, CS# selects the device and
OE# is the output control and should be used to gate data
to the output inputs if the device is selected. Fast page
mode accesses are obtained by keeping A22–A3 constant
and changing A2–A0 to select the specific word within that
page.
The device features an Unlock Bypass mode to facilitate
faster programming. Once a bank enters the Unlock Bypass
mode, only two write cycles are required to program a word,
instead of four. The “Word Program Command Sequence”
section has details on programming data to the device using
both standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors,
or the entire device. Table 4 indicates the address space
that each sector occupies. A “bank address” is the address
bits required to uniquely select a bank. Similarly, a “sector
address” refers to the address bits required to uniquely
select a sector. The “Command Definitions” section has
details on erasing a sector or the entire chip, or suspending/
resuming the erase operation.
ICC2 in the DC Characteristics table represents the
active current specification for the write mode. The AC
Characteristics section contains timing specification tables
and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations through
the ACC function. This function is primarily intended to allow
faster manufacturing throughput at the factory.
If the system asserts VHH on this pin, the device automatically
enters the mentioned Unlock Bypass mode, temporarily
unprotects any protected sectors, and uses the higher
voltage on the pin to reduce the time required for program
operations. The system would use a two-cycle program
command sequence as required by the Unlock Bypass
mode. Removing VHH from the WP#/ACC pin returns the
device to normal operation. Note that VHH must not be
asserted on WP#/ACC for operations other than accelerated
programming, or device damage may result. In addition,
the WP#/ACC pin should be raised to VCC when not in
use. That is, the WP#/ACC pin should not be left floating
or unconnected; inconsistent behavior of the device may
result.
Autoselect Functions
If the system writes the autoselect command sequence, the
device enters the autoselect mode. The system can then
read autoselect codes from the internal register (which is
separate from the memory array) on DQ63–DQ0. Standard
read cycle timings apply in this mode. Refer to the Autoselect
Mode and Autoselect Command Sequence sections for
more information.
TABLE 2. PAGE SELECT
Word
A2
A1
A0
Word 0
0
0
0
Word 1
0
0
1
Word 2
0
1
0
Word 3
0
1
1
Word 4
1
0
0
Word 5
1
0
1
Word 6
1
1
0
Word 7
1
1
1
SIMULTANEOUS OPERATION
In addition to the conventional features (read, program,
erase-suspend read, and erase-suspend program), the
device is capable of reading data from one bank of memory
while a program or erase operation is in progress in another
bank of memory (simultaneous operation). The bank can be
selected by bank addresses (A22–A20) with zero latency.
The simultaneous operation can execute multi-function
mode in the same bank.
TABLE 3. BANK SELECT
Bank
A22-A20
Bank A
000
Bank B
001, 010, 011
Bank C
100, 101, 110
Bank D
111
WRITING COMMANDS/COMMAND
SEQUENCES
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive WE# and CS# to VIL, and
OE# to VIH.


Similar Part No. - W78M32V120BI

ManufacturerPart #DatasheetDescription
logo
Winbond
W78M032A WINBOND-W78M032A Datasheet
262Kb / 18P
   8-BIT MICROCONTROLLER
W78M032A24DL WINBOND-W78M032A24DL Datasheet
262Kb / 18P
   8-BIT MICROCONTROLLER
W78M032A24FL WINBOND-W78M032A24FL Datasheet
262Kb / 18P
   8-BIT MICROCONTROLLER
W78M032A24PL WINBOND-W78M032A24PL Datasheet
262Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78M32V120BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W72M64VK-XBX WEDC-W72M64VK-XBX Datasheet
555Kb / 16P
   2Mx64 3.3V Simultaneous Operation Flash Multi-Chip Package
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256_14 Datasheet
665Kb / 25P
   Automatic Page Write Operation
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_14 Datasheet
373Kb / 16P
   Automatic Page Write Operation
AT28C010 ATMEL-AT28C010_14 Datasheet
476Kb / 17P
   Automatic Page Write Operation
AT28C040 ATMEL-AT28C040_14 Datasheet
385Kb / 15P
   Automatic Page Write Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com