Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72256MS100AJD3SF Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG72256MS100AJD3SF
Description  2GB-256Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72256MS100AJD3SF Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG72256MS100AJD3SF Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 9Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 10Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 11Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 12Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 13Page - White Electronic Designs Corporation W3EG72256MS100AJD3SF Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
White Electronic Designs
W3EG72256S-JD3
-AJD3
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
December 2004
Rev. 2
PRELIMINARY
2.31
(0.091)
(2x)
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20 MAX)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
3.81
(0.150 MAX)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR JD3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR JD3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG72256S335JD3
166MHz/133Mb/s
2.5
3
3
30.48 (1.20")
W3EG72256S262JD3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG72256S263JD3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG72256S265JD3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG72256S202JD3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
Note: Consult factory for availability of lead-free products. (F = Lead-Free, G = RoHS compliant)
Vendor Code: M = Micron, S = Samsung


Similar Part No. - W3EG72256MS100AJD3SF

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72255MS100AJD3MG WEDC-W3EG72255MS100AJD3MG Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72255MS100AJD3SG WEDC-W3EG72255MS100AJD3SG Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72255MS100JD3MG WEDC-W3EG72255MS100JD3MG Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72255MS100JD3SG WEDC-W3EG72255MS100JD3SG Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72255MS133AJD3MG WEDC-W3EG72255MS133AJD3MG Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
More results

Similar Description - W3EG72256MS100AJD3SF

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
W3EG64255S-JD3 WEDC-W3EG64255S-JD3 Datasheet
203Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED, w/PLL
W3EG2128M64ETSR-JD3 WEDC-W3EG2128M64ETSR-JD3 Datasheet
308Kb / 13P
   2GB - 2x128Mx64 DDR SDRAM REGISTERED w/PLL
W3EG7235S-JD3 WEDC-W3EG7235S-JD3 Datasheet
305Kb / 12P
   256MB - 2x16Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG72126S-D3 WEDC-W3EG72126S-D3 Datasheet
338Kb / 15P
   1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG2256M72ASSR-JD3 WEDC-W3EG2256M72ASSR-JD3 Datasheet
217Kb / 14P
   4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com