Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7MG21M32SVX-BN Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W7MG21M32SVX-BN
Description  8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W7MG21M32SVX-BN Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W7MG21M32SVX-BN Datasheet HTML 1Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 2Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 3Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 4Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 5Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 6Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 7Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 8Page - White Electronic Designs Corporation W7MG21M32SVX-BN Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W7MG1M32SVx-BN
W7MG21M32SVx-BN
May 2004
Rev. 2
PRELIMINARY*
DESCRIPTION
The W7MG1M32SVx-BN and W7MG21M32SVx-BN are
organized as one and two banks of 1Mx32 respectively.
The modules are based on AMDs MirrorBit™ AM29LV160M
- 1Mx16 or S29AL016M (optional) Flash device in TSOP
packages which are mounted on an FR4 substrate.
Both modules offer access times between 70 and 120ns
allowing for operation of high-speed microprocessors
without wait states.
FEATURES
1Mx32 and 2x1Mx32 Densities
Based on AMD - AM29LV160M Flash Device
Spansion™ - S29AL016M (optional)
High Performance
• Access time as fast as 70ns
• 0.7s typical sector erase time
3V for read, erase, and program operations
Flexible, Sector Architecture
• One 16Kbyte, two 8Kbyte, one 32Kbyte and
thirty-one 64Kbyte sectors.
• Any combination of sectors can be erased
• Also supports full chip erase
W7MG1M32SVx-BN: 1Mx32 80 PIN SIMM
W7MG21M32SVx-BN: 2x1Mx32 80 PIN SIMM
8MB/4MB (2x1Mx32 / 1Mx32) MirrorBit™ 3.0V, Boot Sector
Flash Memory Module
FIG. 1 – BLOCK DIAGRAMS
DQ16-31
1Mx16
WE#
CE#
CE#
Addr
0-19
DQ0-15
WE2#
DQ0-15
1Mx16
WE#
CE#
CE0#
OE#
CE#
Addr
0-19
Addr 0-19
DQ0-15
WE0#
1Mx16
WE#
CE#
CE#
Addr
0-19
DQ0-15
WE2#
1Mx16
WE#
CE#
CE0#
OE#
CE#
Addr
0-19
Addr 0-19
DQ0-15
WE0#
DQ16-31
1Mx16
WE#
CE#
CE#
Addr
0-19
DQ0-15
DQ0-15
1Mx16
WE#
CE#
CE1#
CE#
Addr
0-19
DQ0-15
Top boot block configurations
• Bottom boot block optional. Contact WEDC.
Embedded Erase Algorithms
• Automatically preprograms and erases the chip
or any combination of sectors
Embedded Program Algorithms
• Automatically programs and verifies data at
specified address
Data Polling and Toggle Bit feature for detection of
program or erase cycle completion
Low Power Dissipation
• 30mA per Device Active Current
• 10µA per Device CMOS Standby Current
Single 3.3V ±10% Supply
CMOS and TTL Compatible Inputs and Outputs
Commercial and industrial operating temperature
range
• BNC = 0°C to 70°C Commercial
• BNI = -40°C to 85°C Industrial
Package
• 80 Pin SIMM (JEDEC) Standard
* This product is under development, is not qualified or characterized and is subject to
change without notice.


Similar Description - W7MG21M32SVX-BN

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
   8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com