Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222246945124 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 222246945124
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222246945124 Datasheet(HTML) 5 Page - Vishay Siliconix

  222246945124 Datasheet HTML 1Page - Vishay Siliconix 222246945124 Datasheet HTML 2Page - Vishay Siliconix 222246945124 Datasheet HTML 3Page - Vishay Siliconix 222246945124 Datasheet HTML 4Page - Vishay Siliconix 222246945124 Datasheet HTML 5Page - Vishay Siliconix 222246945124 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 28107
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 29-Aug-03
5
MKT 469
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb ≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
85 °C < Tamb ≤ 105 °C, 100 VDC
27
nF
82
nF
Tamb ≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
220
nF
10
5
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
85 °C < Tamb ≤ 105 °C, 250 VDC
27
nF
82
nF
220
nF
10
nF
56
nF
Tamb ≤ 85 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
100
nF
10
5
85 °C < Tamb ≤ 105 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
10
nF
56
nF
100
nF


Similar Part No. - 222246945124

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
logo
List of Unclassifed Man...
22224161XXX2 ETC1-22224161XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX3 ETC1-22224161XXX3 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224161XXX4 ETC1-22224161XXX4 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
22224167XXX2 ETC1-22224167XXX2 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Similar Description - 222246945124

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com